Electronic Components Datasheet Search
  English  ▼

X  

74LVC163 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC163
Description  Presettable synchronous 4-bit binary counter; synchronous reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC163 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC163 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
74LVC163
Presettable synchronous 4-bit binary counter; synchronous
reset
Rev. 7 — 19 April 2021
Product data sheet
1. General description
The 74LVC163 is a synchronous presettable binary counter which features an internal look-ahead
carry and can be used for high-speed counting. Synchronous operation is provided by having all
flip-flops clocked simultaneously on the positive-going edge of the clock (pin CP). The outputs (pins
Q0 to Q3) of the counters may be preset to a HIGH-level or LOW-level. A LOW-level at the parallel
enable input (pin PE) disables the counting action and causes the data at the data inputs (pins
D0 to D3) to be loaded into the counter on the positive-going edge of the clock (provided that the
set-up and hold time requirements for PE are met). Preset takes place regardless of the levels at
count enable inputs (pin CEP and CET). A LOW-level at the master reset input (pin MR) sets all
four outputs of the flip-flops (pins Q0 to Q3) to LOW-level after the next positive-going transition
on the clock input (pin CP) (provided that the set-up and hold time requirements for PE are met).
This action occurs regardless of the levels at input pins PE, CET and CEP. This synchronous reset
feature enables the designer to modify the maximum count with only one external NAND gate.
The look-ahead carry simplifies serial cascading of the counters. Both count enable inputs (pin
CEP and CET) must be HIGH in count. The CET input is fed forward to enable the terminal count
output (pin TC). The TC output thus enabled will produce a HIGH output pulse of a duration
approximately equal to a HIGH-level output of Q0. This pulse can be used to enable the next
cascaded stage.
The maximum clock frequency for the cascaded counters is determined by tPHL (propagation delay
CP to TC) and tsu (set-up time CEP to CP) according to the formula:
.
2. Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• Inputs accept voltages up to 5.5 V
• CMOS low power consumption
• Direct interface with TTL levels
• Synchronous reset
• Synchronous counting and loading
• Two count enable inputs for n-bit cascading
• Positive edge-triggered clock
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to 125 °C


Similar Part No. - 74LVC163

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC163 PHILIPS-74LVC163 Datasheet
115Kb / 12P
Presettable synchronous 4-bit binary counter; synchronous reset
1998 May 20
74LVC16373 PHILIPS-74LVC16373 Datasheet
83Kb / 10P
16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVC16373A PHILIPS-74LVC16373A Datasheet
83Kb / 10P
16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVC16373A PHILIPS-74LVC16373A Datasheet
114Kb / 17P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
2003 Dec 08
74LVC16373A PHILIPS-74LVC16373A Datasheet
212Kb / 17P
16-bit D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8-6 January 2014
More results

Similar Description - 74LVC163

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
74LVC163 PHILIPS-74LVC163 Datasheet
115Kb / 12P
Presettable synchronous 4-bit binary counter; synchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
Presettable synchronous 4-bit binary counter; synchronous reset
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com