Electronic Components Datasheet Search
  English  ▼

X  

FWIXP425BC Datasheet(PDF) 13 Page - Intel Corporation

Part # FWIXP425BC
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FWIXP425BC Datasheet(HTML) 13 Page - Intel Corporation

Back Button FWIXP425BC Datasheet HTML 9Page - Intel Corporation FWIXP425BC Datasheet HTML 10Page - Intel Corporation FWIXP425BC Datasheet HTML 11Page - Intel Corporation FWIXP425BC Datasheet HTML 12Page - Intel Corporation FWIXP425BC Datasheet HTML 13Page - Intel Corporation FWIXP425BC Datasheet HTML 14Page - Intel Corporation FWIXP425BC Datasheet HTML 15Page - Intel Corporation FWIXP425BC Datasheet HTML 16Page - Intel Corporation FWIXP425BC Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
13
Used to offload typical Layer-2 networking functions such as:
— Ethernet filtering
—ATM SARing
— HDLC
• Encryption/Authentication
—DES
—DES 3
— AES 128-bit and 256-bit
• Two MII interfaces
— 802.3 MII interfaces
— Single MDIO interface to control both MII interfaces
• UTOPIA-2 Interface
— Eight-bit interface
— Up to 33 MHz clock speed
— Five transmit and five receive address lines
• Two high-speed, serial interfaces
— Six-wire
— Supports speeds up to 8.192 MHz
— Supports connection to T1/E1 framers
— Supports connection to CODEC/SLICs
— Eight HDLC Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com