Electronic Components Datasheet Search
  English  ▼

X  

FWIXP425BC Datasheet(PDF) 37 Page - Intel Corporation

Part # FWIXP425BC
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FWIXP425BC Datasheet(HTML) 37 Page - Intel Corporation

Back Button FWIXP425BC Datasheet HTML 33Page - Intel Corporation FWIXP425BC Datasheet HTML 34Page - Intel Corporation FWIXP425BC Datasheet HTML 35Page - Intel Corporation FWIXP425BC Datasheet HTML 36Page - Intel Corporation FWIXP425BC Datasheet HTML 37Page - Intel Corporation FWIXP425BC Datasheet HTML 38Page - Intel Corporation FWIXP425BC Datasheet HTML 39Page - Intel Corporation FWIXP425BC Datasheet HTML 40Page - Intel Corporation FWIXP425BC Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
37
PCI_DEVSEL_N
Z
Z
I/O
PCI Device Select:
•
When used as an output, PCI_DEVSEL_N indicates that
device has decoded that address as the target of the
requested transaction.
•
When used as an input, PCI_DEVSEL_N indicates if any
device on the PCI bus exists with the given address.
Should be pulled high with a 10-K
Ω resistor when not being
utilized in the system.
PCI_IDSEL
Z
Z
I
PCI Initialization Device Select is a chip select during
configuration reads and writes.
Should be pulled high with a 10-K
Ω resistor when not being
utilized in the system.
PCI_REQ_N[3:1]
Z
Z
I
PCI arbitration request: Used by the internal PCI arbiter to allow
an agent to request the PCI bus.
Should be pulled high with a 10-K
Ω resistor when not being
utilized in the system.
PCI_REQ_N[0]
Z
Z
I/O
PCI arbitration request:
•
When configured as an input (PCI arbiter enabled), the
internal PCI arbiter will allow an agent to request the PCI
bus.
•
When configured as an output (PCI arbiter disabled), the pin
will be used to request access to the PCI bus from an
external arbiter.
Should be pulled high with a 10-K
Ω resistor, when the PCI bus is
not being utilized in the system.
PCI_GNT_N[3:1]
Z
Z
O
PCI arbitration grant: Generated by the internal PCI arbiter to
allow an agent to claim control of the PCI bus.
PCI_GNT_N[0]
Z
Z
I/O
PCI arbitration grant:
•
When configured as an output (PCI arbiter enabled), the
internal PCI arbiter to allow an agent to claim control of the
PCI bus.
•
When configured as an input (PCI arbiter disabled), the pin
will be used to claim access of the PCI bus from an external
arbiter.
Should be pulled high with a 10-K
Ω resistor when not being
utilized in the system.
PCI_INTA_N
Z
Z
O/D
PCI interrupt: Used to request an interrupt.
Should be pulled high with a 10-K
Ω resistor when not being
utilized in the system.
PCI_CLKIN
Z
VI
I
PCI Clock: provides timing for all transactions on PCI. All PCI
signals — except INTA#, INTB#, INTC#, and INTD# — are
sampled on the rising edge of CLK and timing parameters are
defined with respect to this edge. The PCI clock rate can operate
at up to 66 MHz.
Should be pulled low with a 10-K
Ω resistor when not being
utilized in the system.
Table 7.
PCI Controller (Sheet 2 of 2)
Name
Power
on
Reset1
Reset2 Type†
Description
1.
While PWRON_RESET_N is deasserted use Power On Reset column for the pin state.
2.
After deassertion of PWRON_RESET_N, and deassertion of RESET_IN_N, and assertion of
PLL_LOCK, all signals reflect the value shown in the RESET column.
†
For a legend of the Type codes, see Table 5 on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com