Electronic Components Datasheet Search
  English  ▼

X  

TNDF Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # TNDF
Description  FLEX-DUCT AVERAGE NETWORK TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TNDF Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  TNDF Datasheet HTML 1Page - Greystone Energy Systems Inc. TNDF Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-TNDFXXX-03
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
PRODUCT
TNDF
Flexible Cable Duct Average Temperature Sensor
ENCLOSURE
A
E
ABS, with hinged and gasketed cover
Same as A, with thread adapter and cable gland fitting
SENSOR
20
NTC Thermistor, ±0.2°C
PROBE LENGTH
I
J
K
L
1800mm (6’)
(4 sensors)
3600mm (12’)
(4 sensors)
6100mm (20’)
(4 sensors)
7300mm (24’)
(9 sensors)
COMMUNICATION OUTPUT
B
M
BACnet®
Modbus
ORDERING
TNDF
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
BACnet® COMMUNICATION
BACnet® is a data communication protocol for building automation and control networks. The sensor communicates on a standard 2-wire RS-485 MS/TP network
designed to run at speeds from 9600 to 115200 baud over twisted pair wiring.
BACnet® is a registered trademark of ASHRAE. ASHRAE does not endorse, approve or test products for compliance with ASHRAE standards. Compliance of BACnet®
listed products to the requirements of ASHRAE Standard 135 is the responsibility of BACnet® International (BI). BTL is a registered trademark of BI.
MODBUS COMMUNICATION
Modbus is a network protocol for industrial manufacturing environments. The sensor communicates on a standard Modbus network using the RTU (Remote
Terminal Unit) transmission mode. The hardware interface is RS-485.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com