Electronic Components Datasheet Search
  English  ▼

X  

TNDF Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TNDF
Description  FLEX-DUCT AVERAGE NETWORK TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TNDF Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TNDF Datasheet HTML 1Page - Greystone Energy Systems Inc. TNDF Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
FLEX-DUCT AVERAGE NETWORK TEMPERATURE SENSOR
TNDF SERIES
PRODUCT DESCRIPTION
The flexible, multi point duct average network
temperature sensor incorporates numerous
precision sensors at equal distances across the
FT-6 plenum rated cable and is available in various
lengths. All probes provide excellent heat transfer,
fast response and resist moisture penetration. The
transmitter provides a BACnet® or Modbus signal
for network connection. A compact ABS enclosure
with a hinged and gasketed cover is provided for
ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The flex-duct average probes are installed through
a hole in the side of the duct to monitor an average
temperature within the duct. Select a probe length
that allows for criss-crossing the duct multiple
times. Install the probes in a straight section of
duct at a suitable distance downstream from any
heating, cooling, or humidification devices. The
cable probe needs to be fastened onto hangers
using tube clamps or wire ties and should be
secured every 100 cm or 3’ maximum to prevent
movement of the wire and prevent wear. If
sensor is to be used in high velocity or vibration
environment use of rigid style duct probe is
recommended.
The enclosure provides mounting tabs for ease of
installation.
NOTE: This product is factory calibrated and any field adjustment will void the warranty.
POWER SUPPLY
BACnet®: 24 Vac/dc ±10% (non-isolated half-wave rectified)
Modbus: 24 Vac/dc ±20% (non-isolated half-wave rectified)
CONSUMPTION
BACnet®: 25 mA max @ 24 Vdc
Modbus: 10 mA max @ 24 Vdc
OUTPUT SIGNAL
MS/TP 2-wire RS-485 (BACnet® or Modbus)
OPERATING ENVIRONMENT
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
STANDARD LENGTHS
1800mm, 3600mm, 6100mm, 7300mm (6’, 12’, 20’, 24’)
PROBE SENSING RANGE
-20 to 60
°C (-4 to 140°F)
WIRE MATERIAL
FT-6 plenum rated cable, 22 AWG
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
A: ABS, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
TEMPERATURE
Sensing Element: NTC thermistor
Accuracy: ±0.2°C (±0.36°F) @ 0 to 70°C (32 to 158°F)
Resolution: 0.1°C/°F
BACnet® COMMUNICATIONS INTERFACE
Hardware: 2 wire RS-485
Software: Native BACnet® MS/TP protocol
Baud Rate: 9600, 19200, 38400, 57600, 76800, or 115200 (auto-detect)
Network Address Range: Locally set to 0-127
Serial Configuration: 8N1
MODBUS COMMUNICATIONS INTERFACE Hardware: 2 wire RS-485
Software: Native Modbus MS/TP protocol (RTU)
Baud Rate: 9600, 19200, 38400, 57600, 76800, or 115200 (auto-detect)
Network Address Range: Locally set to 1-255 (switch selectable)
Parity: None
Stop Bits: 1
Error Checking: A001 (CRC-16 reverse)
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and transient protected.
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
52.0 mm
2.05"
76.2 mm
3.00"
0.5” NPT
Foam Gasket
304 Series S/S Probe
Various Probe Lengths
See Ordering Chart
FT-6 Plenum Rated Cable
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION


Similar Part No. - TNDF

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
TNDF GREYSTONE-TNDF Datasheet
452Kb / 2P
FLEX-DUCT AVERAGE NETWORK TEMPERATURE SENSOR
More results

Similar Description - TNDF

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HNDT GREYSTONE-PS-HNDT Datasheet
401Kb / 2P
NETWORK DUCT HUMIDITY/TEMPERATURE SENSOR
PS-TNDC GREYSTONE-PS-TNDC Datasheet
398Kb / 2P
FLEXIBLE COPPER NETWORK DUCT AVERAGE TEMPERATURE SENSOR
PS-TNDR GREYSTONE-PS-TNDR Datasheet
285Kb / 2P
RIGID DUCT AVERAGE NETWORK TEMPERATURE SENSOR
PS-TSDC GREYSTONE-PS-TSDC Datasheet
378Kb / 2P
FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE SENSOR
PS-TSDF GREYSTONE-PS-TSDF Datasheet
431Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
PS-TSDR GREYSTONE-PS-TSDR Datasheet
282Kb / 2P
RIGID DUCT AVERAGE TEMPERATURE SENSOR
02/20
TNDC GREYSTONE-TNDC Datasheet
398Kb / 2P
FLEXIBLE COPPER NETWORK DUCT AVERAGE TEMPERATURE SENSOR
TNDF GREYSTONE-TNDF Datasheet
452Kb / 2P
FLEX-DUCT AVERAGE NETWORK TEMPERATURE SENSOR
TNDR GREYSTONE-TNDR Datasheet
285Kb / 2P
RIGID DUCT AVERAGE NETWORK TEMPERATURE SENSOR
TXDF GREYSTONE-TXDF Datasheet
436Kb / 2P
FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com