Electronic Components Datasheet Search
  English  ▼

X  

ADS8330IB Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS8330IB
Description  LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8330IB Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8330IB Datasheet HTML 17Page - Texas Instruments ADS8330IB Datasheet HTML 18Page - Texas Instruments ADS8330IB Datasheet HTML 19Page - Texas Instruments ADS8330IB Datasheet HTML 20Page - Texas Instruments ADS8330IB Datasheet HTML 21Page - Texas Instruments ADS8330IB Datasheet HTML 22Page - Texas Instruments ADS8330IB Datasheet HTML 23Page - Texas Instruments ADS8330IB Datasheet HTML 24Page - Texas Instruments ADS8330IB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
www.ti.com
FFT
-160
-140
-120
-100
-80
-60
-40
-20
0
20
0
100
200
300
400
500
f-Frequency-kHz
10kHzInput,
+VA =5V,
f =1MSPS,
V
=5V
s
ref
FFT
-160
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
f-Frequency-kHz
100kHzInput,
+VA =5V,
f =1MSPS,
V
=5V
s
ref
THEORY OF OPERATION
ANALOG INPUT
ADS8329
ADS8330
SLAS516 – DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
Figure 49.
Figure 50.
The ADS8329/30 is a high-speed, low power, successive approximation register (SAR) analog-to-digital
converter (ADC) that uses an external reference. The architecture is based on charge redistribution, which
inherently includes a sample/hold function.
The ADS8329/30 has an internal clock that is used to run the conversion but can also be programmed to run the
conversion based on the external serial clock, SCLK.
The ADS8329 has one analog input. The analog input is provided to two input pins: +IN and –IN. When a
conversion is initiated, the differential input on these pins is sampled on the internal capacitor array. While a
conversion is in progress, both +IN and –IN inputs are disconnected from any internal function.
The ADS8330 has two inputs. Both inputs share the same common pin - COM. The negative input is the same
as the -IN pin for the ADS8329. The ADS8330 can be programmed to select a channel manually or can be
programmed into the auto channel select mode to sweep between channel 0 and 1 automatically.
When the converter enters hold mode, the voltage difference between the +IN and –IN inputs is captured on the
internal capacitor array. The voltage on the –IN input is limited between AGND – 0.2 V and AGND + 0.2 V,
allowing the input to reject small signals which are common to both the +IN and –IN inputs. The +IN input has a
range of –0.2 V to Vref + 0.2 V. The input span [+IN – (–IN)] is limited to 0 V to Vref.
The (peak) input current through the analog inputs depends upon a number of factors: sample rate, input
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com