Electronic Components Datasheet Search
  English  ▼

X  

L6714 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 50Page - STMicroelectronics L6714 Datasheet HTML 51Page - STMicroelectronics L6714 Datasheet HTML 52Page - STMicroelectronics L6714 Datasheet HTML 53Page - STMicroelectronics L6714 Datasheet HTML 54Page - STMicroelectronics L6714 Datasheet HTML 55Page - STMicroelectronics L6714 Datasheet HTML 56Page - STMicroelectronics L6714 Datasheet HTML 57Page - STMicroelectronics L6714 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
Oscillator
L6714
54/70
19
Oscillator
L6714 embeds four phase oscillator with optimized phase-shift (90º phase-shift) in order to
reduce the input rms current and optimize the output filter definition.
The internal oscillator generates the triangular waveform for the PWM charging and
discharging with a constant current an internal capacitor. The switching frequency for each
channel, FSW, is internally fixed at 150kHz so that the resulting switching frequency at the
load side results in being multiplied by N (number of phases).
The current delivered to the oscillator is typically 25
µA (corresponding to the free running
frequency FSW = 150kHz) and it may be varied using an external resistor (ROSC) connected
between the OSC pin and SGND or VCC (or a fixed voltage greater than 1.24V). Since the
OSC pin is fixed at 1.24V, the frequency is varied proportionally to the current sunk (forced)
from (into) the pin considering the internal gain of 6KHz/
µA.
In particular connecting ROSC to SGND the frequency is increased (current is sunk from the
pin), while connecting ROSC to VCC = 12V the frequency is reduced (current is forced into
the pin), according the following relationships:
ROSC vs. SGND
ROSC vs. +12V
When using the Low-Side MOSFETs current sense, the maximum programmable switching
frequency per phase must be limited to 500kHz to avoid current reading errors causing, as a
consequence, current sharing errors.
Anyway, device power dissipation must be checked prior to design high switching frequency
systems.
F
SW
150 kHz
()
1.240V
R
OSC kΩ
()
---------------------------
6
kHz
µA
-----------
⋅
+
150 kHz
()
7.422
10
3
⋅
R
OSC kΩ
()
-------------------------------
R
·
OSC k
Ω
()
⇒
+
F
SW
-----------
==
=
Hz
µA
---------
150 kHz
()
7.422
10
3
⋅
R
OSC kΩ
()
-------------------------------
R
·
OSC k
Ω
()
⇒
+
7.422
10
3
⋅
F
SW kHz
() 150 kHz
()
–
------------------------------------------------------------
==
k
Ω
[]
F
SW
150 kHz
()
12V
1.240V
–
R
OSC kΩ
()
------------------------------------
6
kHz
µA
-----------
⋅
–
150 kHz
() 6.456 10
4
⋅
R
OSC kΩ
()
-------------------------------
–
R
OSC kΩ
()
⇒
15
-----
==
=
6
kHz
µA
-----------
150 kHz
() 6.456 10
4
⋅
R
OSC kΩ
()
-------------------------------
–
R
OSC kΩ
()
⇒
6.456
10
4
⋅
150 kHz
() F
SW kHz
()
–
------------------------------------------------------------
==
k
Ω
[]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com