Electronic Components Datasheet Search
  English  ▼

X  

L6714 Datasheet(PDF) 68 Page - STMicroelectronics

Part # L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 62Page - STMicroelectronics L6714 Datasheet HTML 63Page - STMicroelectronics L6714 Datasheet HTML 64Page - STMicroelectronics L6714 Datasheet HTML 65Page - STMicroelectronics L6714 Datasheet HTML 66Page - STMicroelectronics L6714 Datasheet HTML 67Page - STMicroelectronics L6714 Datasheet HTML 68Page - STMicroelectronics L6714 Datasheet HTML 69Page - STMicroelectronics L6714 Datasheet HTML 70Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
Package mechanical data
L6714
68/70
Table 13.
TQFP64 mechanical data
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
1.20
0.0472
A1
0.05
0.15
0.002
0.006
A2
0.95
1.00
1.05
0.0374
0.0393
0.0413
b
0.17
0.22
0.27
0.0066
0.0086
0.0086
c
0.09
0.20
0.0035
0.0078
D
11.80
12.00
12.20
0.464
0.472
0.480
D1
9.80
10.00
10.20
0.386
0.394
0.401
D2
3.50
6.10
0.1378
0.2402
D3
7.50
0.295
E
11.80
12.00
12.20
0.464
0.472
0.480
E1
9.80
10.00
10.20
0.386
0.394
0.401
E2
3.50
6.10
0.1378
0.2402
E3
7.50
0.295
e
0.50
0.0197
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1
1.00
0.0393
k
0°
3.5°
7 °
0°
3.5°
7°
ccc
0.080
0.0031
Figure 27. Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com