Electronic Components Datasheet Search
  English  ▼

X  

735P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 735P
Description  Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

735P Datasheet(HTML) 1 Page - Vishay Siliconix

  735P Datasheet HTML 1Page - Vishay Siliconix 735P Datasheet HTML 2Page - Vishay Siliconix 735P Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 42031
Revision 17-Nov-03
www.vishay.com
94
Type 735P
Vishay Sprague
For technical questions, contact spresale@vishay.com
FEATURES
• Wire or lug terminals
• High stability
• High ripple to 30 amperes
• Low inductance
• Low ESR
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 105°C.
Capacitance Range: 1.0µF to 30.0µF.
Capacitance Tolerance: ± 10%, ± 5%.
DC Voltage Rating: 100 WVDC to 400 WVDC.
Equivalent Series Resistance: 20kHz to 100kHz.
Dissipation Factor: 0.1% maximum.
Measure at 1000Hz @ + 25°C.
∆V/∆T: 10V/millisecond maximum.
Voltage Test: 200% of rated voltage for 2 minutes.
Insulation Resistance: Measure at 100 WVDC after a
2 minute charge.
At + 25°C: 200,000 Megohm - Microfarads, or 400,000
Megohm minimum.
Vibration Test (Condition B): No mechanical damage,
short, open or intermittent circuits.
DC Life Test: 140% of rated voltage for 1000 hours
@ + 105°C. No visible damage. No open or short circuits.
Maximum ∆ CAP ± 1.0%.
Minimum IR = 50% of initial limit.
Maximum DF = 0.10%.
Humidity Test: 95% relative humidity @ + 40°C for 250
hours. No visible damage.
Maximum ∆ CAP ± 1.0%.
Maximum IR = 20% of initial limit.
Maximum DF = 0.12%.
PHYSICAL CHARACTERISTICS
Pull Test:
Wire Leads - 5 pounds (2.3 kilograms) for one minute.
No physical damage.
Terminal Lugs - 10 pounds (4.5 kilograms) for one minute.
No physical damage.
Lead Bend: After three complete consecutive bends,
no damage.
Marking: Sprague® trademark, type or part number,
capacitance and voltage.
DIMENSIONS in inches [millimeters]
* Leads to be within ± 0.062" [1.57mm] of center line at egress but not less than 0.031" [0.78mm] from edge (Terminal Style L only).
Terminal Style L
D
Max.
L1 = L + 0.766 [19.46]
L2 = L + 0.437 [11.10]
D
Max.
0.032
± 0.002
[0.81
± 0.05]
0.312 [7.9] Min.
0.360
± 0.005
[9.14
± 0.13]
L
± 0.062 [1.57]
L2
± 0.062 [1.57]
L1
± 0.062 [1.57]
Tinned Solid Copper Lug
L
± 0.062 [1.57]
Tinned Solid Copper Wire*
Terminal Style H
D Max. < 0.700 [17.78], No. 20 AWG wire 0.032 [0.812] nominal diameter.
D Max.
≥ 0.700 [17.78], No. 18 AWG wire 0.040 [1.016] nominal diameter.
0.156
± 0.005 Dia.
[3.96
± 0.13]
1.750
[44.45]
Min.
1.750
[44.45]
Min.
Film Capacitors
High Current, Wrap-and-Fill,
Metalized Polypropylene


Similar Part No. - 735P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
735 ETC2-735 Datasheet
362Kb / 1P
GROMMETS , BUSHINGS
735 ETC2-735 Datasheet
707Kb / 1P
RS-232 Interface
logo
Keystone Electronics Co...
735 KEYSTONE-735 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
735 KEYSTONE-735 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
logo
Alpha Wire
735-405 ALPHAWIRE-735-405 Datasheet
114Kb / 2P
AK05 ??Polystyrene and Polycarbonate - 125 x 200 mm
More results

Similar Description - 735P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
632P VISHAY-632P Datasheet
50Kb / 5P
Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
04-Dec-03
430P VISHAY-430P Datasheet
47Kb / 3P
Metalized Polyester Film Capacitors Wrap-and-Fill
13-Nov-03
732P VISHAY-732P Datasheet
40Kb / 1P
Film Capacitors Metalized Polypropylene, Wrap-and-Fill
17-Nov-03
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
16-Nov-07
logo
List of Unclassifed Man...
170223160AA ETC2-170223160AA Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K Datasheet
380Kb / 3P
105째C Metallized Polypropylene Axial Leaded Wrap and Fill Capacitors
logo
Vishay Siliconix
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
Metallized Polyester Film Capacitors, Wrap-and-Fill
12-Mar-09
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
12-Mar-09
logo
Surge Components
SMPT SURGE-SMPT Datasheet
165Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED POLYPROPYLENE FILM CAPACITORS, AXIAL LEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com