Electronic Components Datasheet Search
  English  ▼

X  

735P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 735P
Description  Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

735P Datasheet(HTML) 2 Page - Vishay Siliconix

  735P Datasheet HTML 1Page - Vishay Siliconix 735P Datasheet HTML 2Page - Vishay Siliconix 735P Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
95
Type 735P
Vishay Sprague
Document Number: 42031
Revision 17-Nov-03
For technical questions, contact spresale@vishay.com
MAXIMUM RIPPLE CURRENT
(Amps rms) @ 20kHz - 100kHz
Case Temperature @
Terminal Style L – Units with Wire Leads
PART NUMBER**
D
0.750 [19.05]
0.938 [23.81]
0.938 [23.81]
1.250 [31.75]
1.500 [38.10]
2.250 [57.15]
2.250 [57.15]
+ 85
°C
+ 75
°C
+ 65
°C
+ 55
°C
+ 45
°C
+ 35
°C
+ 25
°C
15.0
12.0
11.0
10.0
9.0
8.0
6.0
4.5
5.3
5.9
6.7
8.2
10.0
11.4
L
ESR LIMIT
(Milliohm)
20kHz -
100kHz
CASE SIZE
CAPACITANCE
(
µF)
1.0*
2.0
3.0
5.0
10.0*
20.0
30.0
735P105X9100L
735P205X9100L
735P305X9100L
735P505X9100L
735P106X9100L
735P206X9100L
735P306X9100L
0.531 [13.49]
0.596 [15.14]
0.717 [18.21]
0.733 [18.62]
0.898 [22.81]
1.000 [25.40]
1.200 [30.48]
9.2
10.8
12.1
13.8
15.0
15.0
15.0
8.5
10.0
11.2
12.7
15.0
15.0
15.0
7.8
9.1
10.3
11.6
14.2
15.0
15.0
7.0
8.2
9.2
10.4
12.7
15.0
15.0
6.0
7.0
8.0
9.0
11.0
13.6
15.0
4.9
5.8
6.5
7.4
9.0
11.1
12.4
200 WVDC
1.0*
2.0*
3.0
5.0*
10.0*
20.0
400 WVDC
1.0*
2.0*
3.0*
5.0*
10.0*
Terminal Style H – Units with Terminal Lugs
100 WVDC
1.0
2.0
3.0
5.0
10.0
20.0
30.0
200 WVDC
1.0
2.0
3.0
5.0
10.0
20.0
400 WVDC
1.0
2.0
3.0
5.0
10.0
* These ratings are stocked.
** Part Numbers listed are for a capacitance tolerance of ± 10%. To specify ± 5% tolerance, change the "X9" in the Part Number to "X5".
ORDERING INFORMATION
735P105X9200L
735P205X9200L
735P305X9200L
735P505X9200L
735P106X9200L
735P206X9200L
0.512 [13.01]
0.698 [17.73]
0.747 [18.97]
0.862 [21.89]
1.030 [26.16]
1.440 [36.58]
1.250 [31.75]
1.250 [31.75]
1.500 [38.10]
1.750 [44.45]
2.250 [57.15]
2.250 [57.15]
735P105X9400L
735P205X9400L
735P305X9400L
735P505X9400L
735P106X9400L
0.713 [18.11]
0.895 [22.73]
1.086 [27.58]
1.192 [30.28]
1.668 [42.37]
20.0
15.0
13.0
11.0
9.0
6.0
9.5
15.0
15.0
15.0
15.0
19.0
15.0
12.0
10.0
6.0
1.500 [38.10]
1.750 [44.45]
1.750 [44.45]
2.250 [57.15]
2.250 [57.15]
7.3
12.0
15.0
15.0
15.0
15.0
9.5
15.0
15.0
15.0
15.0
7.3
12.0
13.8
15.0
15.0
15.0
7.3
11.3
12.6
14.7
15.0
15.0
7.3
10.1
11.3
13.1
15.0
15.0
7.2
8.7
9.8
11.4
13.8
15.0
9.5
15.0
15.0
15.0
15.0
9.5
13.4
15.0
15.0
15.0
9.5
11.6
13.1
15.0
15.0
5.9
7.1
8.0
9.3
11.3
14.1
5.4
6.5
7.3
8.5
10.3
12.8
7.8
9.5
10.7
12.5
15.0
7.1
8.7
9.8
11.4
14.1
5.0
5.8
6.5
7.2
8.7
10.6
11.9
5.5
6.3
7.1
7.9
9.5
11.6
13.0
6.7
7.8
8.7
9.7
11.7
14.2
15.9
7.8
8.9
10.0
11.2
13.5
16.4
18.4
8.7
10.0
11.2
12.5
15.0
18.3
20.5
9.5
11.0
12.3
13.7
16.5
20.0
22.5
10.3
12.0
13.3
14.8
17.8
21.6
24.3
15.0
12.0
11.0
10.0
9.0
8.0
6.0
0.875 [22.23]
1.062 [26.97]
1.062 [26.97]
1.375 [34.93]
1.625 [41.28]
2.375 [60.33]
2.375 [60.33]
0.531 [13.49]
0.596 [15.14]
0.717 [18.21]
0.733 [18.62]
0.898 [22.81]
1.000 [25.40]
1.200 [30.48]
735P105X9100H
735P205X9100H
735P305X9100H
735P505X9100H
735P106X9100H
735P206X9100H
735P306X9100H
735P105X9200H
735P205X9200H
735P305X9200H
735P505X9200H
735P106X9200H
735P206X9200H
0.512 [13.00]
0.698 [17.73]
0.747 [18.97]
0.862 [21.89]
1.030 [26.16]
1.440 [36.58]
1.375 [34.93]
1.375 [34.93]
1.625 [41.28]
1.875 [47.63]
2.375 [60.33]
2.375 [60.33]
20.0
15.0
13.0
11.0
9.0
6.0
7.3
14.3
15.9
18.3
22.4
27.4
7.3
13.3
14.7
17.0
20.7
25.4
7.3
12.1
13.5
15.5
18.9
23.2
7.3
10.8
12.0
13.9
16.9
20.7
7.3
9.4
10.4
12.0
14.6
17.9
6.4
7.7
8.5
9.8
12.0
14.7
5.8
7.0
7.8
8.9
10.9
13.4
7.5
9.1
10.3
11.9
14.7
8.3
10.0
11.3
13.1
16.1
9.5
12.3
13.8
16.0
19.7
9.5
14.2
15.9
18.5
22.7
9.5
15.0
17.8
20.6
25.4
9.5
15.0
19.5
22.6
27.8
9.5
15.0
21.1
24.4
30.0
19.0
15.0
12.0
10.0
6.0
1.625 [41.28]
1.875 [47.63]
1.875 [47.63]
2.375 [60.33]
2.375 [60.33]
0.713 [18.11]
0.895 [22.73]
1.086 [27.58]
1.192 [30.28]
1.668 [42.37]
735P105X9400H
735P205X9400H
735P305X9400H
735P505X9400H
735P106X9400H
STANDARD RATINGS in inches [millimeters]
735P
TYPE
105
CAPACITANCE
This is expressed in
picofarads. The first two
digits are the significant
figures. The third is the
number of zeros to follow.
X9
CAPACITANCE
TOLERANCE
100
DC VOLTAGE RATING
This is expressed in volts.
L = Wire Leads
H = Lugs
L
TERMINAL
STYLE
X9 = ± 10%
X5 = ± 5%
100 WVDC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com