Electronic Components Datasheet Search
  English  ▼

X  

74HC367 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HC367
Description  Hex buffer/line driver; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC367 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC367 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC367 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Nexperia
74HC367; 74HCT367
Hex buffer/line driver; 3-state
10.1. Waveforms and test circuit
aaa-024820
VI
VOL
VOH
GND
nY output
nA input
VM
VM
VM
VM
10 %
90 %
tPHL
tPLH
tTHL
tTLH
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 6. Input (nA) to output (nY) propagation delays and output transition times
aaa-024821
VI
GND
VCC
VOL
VOH
GND
VM
VM
VM
VX
VY
tPLZ
tPZL
tPZH
tPHZ
outputs
enabled
outputs
enabled
outputs
disabled
nOE input
nY output
LOW-to-OFF
OFF-to-LOW
nY output
HIGH-to-OFF
OFF-to-HIGH
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 7. 3-state enable and disable times
Table 8. Measurement points
Input
Output
Type
VM
VM
VX
VY
74HC367
0.5 × VCC
0.5 × VCC
0.1 × VCC
0.9 × VCC
74HCT367
1.3 V
1.3 V
0.1 × VCC
0.9 × VCC
74HC_HCT367
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 4 — 24 February 2021
8 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com