Electronic Components Datasheet Search
  English  ▼

X  

TSOB Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # TSOB
Description  OUTSIDE TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TSOB Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  TSOB Datasheet HTML 1Page - Greystone Energy Systems Inc. TSOB Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-TSOBXXX-02
06/20
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
PRODUCT
TSOB Outside Temperature Sensor
ENCLOSURE
A
C
E
Polycarbonate, with hinged and gasketed cover
Same as A, with terminal block
Same as C, with cable gland fitting
SENSOR
02X
05X
06X
07X
08X
12X
13X
14X
20X
24X
59X
100 Ω Platinum, IEC 751, 385 Alpha, thin film
1801 Ω NTC Thermistor, ±0.2°C
3000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 3, NTC Thermistor, ±0.2°C
2.252K Ω NTC Thermistor, ±0.2°C
1000 Ω Platinum, IEC 751, 385 Alpha, thin film
1000 Ω Nickel, Class B, DIN 43760
10,000 Ω Type 3, NTC Thermistor, ±0.2°C c/w 11K shunt resistor
20,000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 2, NTC Thermistor, ±0.2°C
10,000 Ω, 25°C, ±1%, B = 3435 ±1% (25/85)
ORDERING
TSOB
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com