Electronic Components Datasheet Search
  English  ▼

X  

TSOB Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TSOB
Description  OUTSIDE TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TSOB Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TSOB Datasheet HTML 1Page - Greystone Energy Systems Inc. TSOB Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
OUTSIDE TEMPERATURE SENSOR
TSOB SERIES
PRODUCT DESCRIPTION
The single point outside air temperature sensor
utilizes a precision sensor. All probes are constructed
to provide excellent heat transfer, fast response and
are potted to resist moisture penetration. A sun
and wind shield is integrated into a weatherproof
compact Polycarbonate enclosure with a hinged
and gasketed cover for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The TSOB should be mounted on an outside north
facing wall, under the eaves to provide protection
from direct sunlight.
The TSOB can be mounted directly to the building’s
wall face using the provided mounting holes. A 0.85”
hole for conduit connection or cable gland fitting is
provided.
SENSOR TYPE
Thermistor or RTD (see ordering chart)
SENSOR ACCURACY
Thermistors: ±0.2°C (±0.36°F) @ 25°C (77°F)
Platinum RTD’s: ±0.3°C (±0.54°F) @ 0°C (32°F)
Nickel RTD’s: ±0.4°C (±0.72°F) @ 0°C (32°F)
PROBE SENSING RANGE
-40 to 50°C (-40 to 122°F)
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
WIRE MATERIAL
PVC insulated, parallel bonded, 22 AWG
ENCLOSURE
A: Polycarbonate, UL94-V0, IP65 (NEMA 4X)
C: Same as A, includes terminal block
E: Same as C, with cable gland fitting
TERMINATION
A: Pigtail, 2 or 3 wire
C & E: Terminal block, 2 or 3 wire
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
CABLE GLAND FITTING
ACCESSORY - INCLUDED WITH E ENCLOSURE OPTION
North
OSA Temperature
Sensor
132 mm
5.19"
82.5 mm
3.25"
69.8 mm
2.75"
92 mm
3.62"
38mm
1.5"
52.0 mm
2.05"
76.2 mm
3.00"
0.5” NPT


Similar Part No. - TSOB

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
TSON8-2X2 ELM-TECH-TSON8-2X2 Datasheet
172Kb / 1P
Package, Reel, Taping
logo
Amkor Technology
TSON8-FL AMKOR-TSON8-FL Datasheet
740Kb / 2P
Bare copper leadframe with no plating
TSON8-FL-V01 AMKOR-TSON8-FL-V01 Datasheet
928Kb / 2P
TSON8-FL (Flat Lead) is a smaller package (3.3 x 3.3 mm) with thermal enhancments that give a 64% reduction in footprint area compared with standard SOIC 8 ld package
02/21
logo
Vishay Siliconix
TSOP-6 VISHAY-TSOP-6 Datasheet
214Kb / 11P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
07-Nov-11
TSOP-6 VISHAY-TSOP-6 Datasheet
213Kb / 11P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
07-Nov-11
More results

Similar Description - TSOB

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
01UT-5A BELIMO-01UT-5A Datasheet
432Kb / 3P
Outside Temperature Sensor
22UT-52 BELIMO-22UT-52 Datasheet
529Kb / 4P
Outside Temperature Sensor
22UT-54 BELIMO-22UT-54 Datasheet
515Kb / 4P
Outside Temperature Sensor
logo
Greystone Energy System...
PS-HNOB GREYSTONE-PS-HNOB Datasheet
371Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
PS-HNOS GREYSTONE-PS-HNOS Datasheet
353Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
PS-TNOS GREYSTONE-PS-TNOS Datasheet
255Kb / 2P
OUTSIDE NETWORK TEMPERATURE SENSOR
05/20
HNOB GREYSTONE-HNOB Datasheet
371Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
HNOS GREYSTONE-HNOS Datasheet
353Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
TNOS GREYSTONE-TNOS Datasheet
255Kb / 2P
OUTSIDE NETWORK TEMPERATURE SENSOR
TSOS GREYSTONE-TSOS Datasheet
258Kb / 1P
OUTSIDE TEMPERATURE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com