Electronic Components Datasheet Search
  English  ▼

X  

TCRO Datasheet(PDF) 4 Page - Transko Electronics, Inc.

Part # TCRO
Description  SMD VOLTAGE CONTROLLED OSCILLATOR (12.7 X 12.7 X 6.0MM)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TCRO Datasheet(HTML) 4 Page - Transko Electronics, Inc.

  TCRO Datasheet HTML 1Page - Transko Electronics, Inc. TCRO Datasheet HTML 2Page - Transko Electronics, Inc. TCRO Datasheet HTML 3Page - Transko Electronics, Inc. TCRO Datasheet HTML 4Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
TCRO
RoHS
Compliant
Rev. 1: Oct. 2015
■ PACKAGE DIMENSION
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ TYPICAL PERFORMANCE (Tested by E5052A of Agilent)
Frequency/power, tuning sensitivity, current of TCRO845
Phase noise of TCRO845
Frequency/power, tuning sensitivity, current of TCRO3228
Phase noise of TCRO3228
Pin Configuration
P1
RF OUT
P2
Supply Voltage
P3
Tuning Voltage
All Other Pins are GND
Unit : mm
11.8
12.7
VT
RF
VCC
6.0
1.6
8.0
1
2
3
0.8
1.7
6.0
1.6
3.18
VT
RF
VCC
8.76
14.34
23.10
3.18
8.76
14.34
23.10
1.4
1.8
3.3
8.88
14.46
23.34
20.04
3.3
8.88
14.46
23.34
20.04
VCC
VT
RF
1.28(12PL)
1.5(3PL)
3.1
1.8(3PL)
2.28
(12PL)
SMD1
SMD2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com