Electronic Components Datasheet Search
  English  ▼

X  

TCRO Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TCRO
Description  SMD VOLTAGE CONTROLLED OSCILLATOR (12.7 X 12.7 X 6.0MM)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TCRO Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TCRO Datasheet HTML 1Page - Transko Electronics, Inc. TCRO Datasheet HTML 2Page - Transko Electronics, Inc. TCRO Datasheet HTML 3Page - Transko Electronics, Inc. TCRO Datasheet HTML 4Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
TCRO
RoHS
Compliant
Rev. 1: Oct. 2015
SMD VOLTAGE CONTROLLED OSCILLATOR
(12.7 X 12.7 X 6.0MM)
FEATURES
CERAMIC COAXIAL RESONATOR, LOW PHASE NOISE
FREQUENCY RANGE : 400~5000MHZ
TWO STANDARD PACKAGES / ROHS COMPLIANT
■ SPECIFICATION
MODEL
FREQ.
(MHz)
TUNING
VOLTAGE
(V)
TUNING
SENSITIVITY
(MHz/V)
POWER
OUTPUT
(dBm) Typ
FREQ.
DRIFT
(MHz) Typ
PHASE NOISE
@10/100kHz
(dBc/Hz) Typ
HARMONICS
(dBc )Typ
POWER
SUPPLY
(V/mA)max
INPUT
CAPACITANCE
(pF) Typ
PKG
TCRO422
417-427
0.5-4.5
4
6
2
-
116/-136
-
10
5/20
100
SMD2
TCRO585
545-60
0-10
8
10
2
-
120/-140
-
10
12/30
100
SMD2
TCRO646
641-651
0.5-4.5
4
6
2
-
122/-142
-
10
5/20
100
SMD2
TCRO698
681-716
0.5-9
5
7
2
-
118/-138
-
10
8/25
100
SMD2
TCRO720
720
0.5-4.5
2.4
9
2
-
126/-146
-
10
5/30
100
SMD2
TCRO845
845
0.5-4.5
2
9
2
-
122/-142
-
10
8/30
100
SMD2
TCRO896
891-901
0.5-4.5
4
6
2
-
122/-142
-
10
5/20
100
SMD1
TCRO930
925-935
0.5-4.5
4
6
2
-
120/-140
-
10
5/25
100
SMD1
TCRO976
971-981
0.5-4.5
4
10
2
-
120/-140
-
10
5/25
100
SMD1
TCRO1024
1019-1029
0.5-4.5
4
6
2
-
123/-143
-
10
5/25
100
SMD1
TCRO1030
1030
0.5-4.5
2
6
2
-
126/-146
-
10
5/30
100
SMD2
TCRO1089
1059-1119
0.5-12
7
6
3
-
113/-133
-
10
5/25
100
SMD1
TCRO1135
1130-1140
0.5-4.5
4
8
2
-
125/-145
-
10
5/30
100
SMD1
TCRO1144
1109-1179
0.5-12
8
6
3
-
110/-130
-
10
5/25
100
SMD1
TCRO1207
1169-1245
0.5-12
8
6
3
-
110/-130
-
10
5/25
100
SMD1
TCRO1263
1243-1283
0.5-4.5
12
7
3
-
126/-146
-
10
5/30
100
SMD1
TCRO1280
1240-1320
0.5-12
8
6
3
-
113/-133
-
10
5/30
100
SMD1
TCRO1340
1335-1345
0.5-4.5
4
6
2
-
125/-145
-
10
5/30
100
SMD1
TCRO1391
1381-1401
0.5-4.5
8
5
2
-
110/-130
-
10
5/30
100
SMD1
TCRO1400
1395-1405
0.5-4.5
4
6
2
-
110/-130
-
10
5/30
100
SMD1
TCRO1475
1470-1480
0.5-4.5
7
4
2
-
121/-141
-
10
5/30
100
SMD2
TCRO1490
1485-1495
0.5-4.5
4
6
2
-
120/-140
-
10
5/30
100
SMD1
TCRO1539.5
1519-1559
0-8
12
2
2
-
115/-135
-
10
5/30
100
SMD1
TCRO1549
1539-1559
0.5-4.5
8
5
2
-
116/-136
-
10
5/30
100
SMD1
TCRO1600
1590-1610
0-5
6
10
2
-
115/-135
-
10
8/36
100
SMD1
TCRO1606.4
1596-1616
0.5-4.5
10
4
2
-
117/-137
-
10
8/30
100
SMD1
TCRO1731
1691-1771
0.4-5.4
20
4
6
-
109/-129
-
10
5/30
100
SMD1
TCRO1790
1780-1800
0.5-4.5
6
6
3
-
118/-138
-
10
5/30
100
SMD1
TCRO1800
1790-1810
0.5-4.5
8
5
3
-
117/-137
-
15
5/30
56
SMD1
TCRO1820
1810-1830
0.5-4.5
12
7
3
-
117/-137
-
15
8/30
56
SMD1
TCRO1858
1858
0.5-4.5
4
5
3
-
115/-135
-
15
8/30
56
SMD1
TCRO1878
1866-1890
0.5-4.5
12
2
3
-
115/-135
-
15
5/20
56
SMD1
TCRO1900
1890-1910
0.5-4.5
8
6
3
-
119/-139
-
15
8/30
56
SMD1
TCRO1950
1940-1960
0.5-4.5
10
8
4
-
117/-137
-
15
8/30
56
SMD1
TCRO2000
1990-2010
0.5-4.5
6
5
4
-
118/-138
-
15
5/30
56
SMD1
TCRO2040
1030-2050
0.5-4.5
8
6
4
-
118/-138
-
15
5/30
56
SMD1
TCRO2043.5
1004-2083
0.4-5.4
20
4
6
-
109/-129
-
15
5/30
56
SMD1
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
SMD1
SMD2


Similar Part No. - TCRO

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TCR TEC-TCR Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Bel Fuse Inc.
TCR-4-48G BEL-TCR-4-48G Datasheet
799Kb / 5P
Compatible with all TCP3500 PSU models
logo
MORNSUN Science& Techno...
TCR03PI MORNSUN-TCR03PI Datasheet
456Kb / 3P
Thermocouple Temperature Signal Input Alarms
logo
QuWireless
TCR100 QUWIRELESS-TCR100 Datasheet
3Mb / 6P
INTEGRATED MULTI-BAND LTE OMNI ANTENNA PLACE TO INSTALL Teltonika TCR100 (ALL-IN-ONE)
2.07
logo
Toshiba Semiconductor
TCR13AGADJ TOSHIBA-TCR13AGADJ Datasheet
537Kb / 21P
1.3 A CMOS Ultra Low Dropout Regulator
More results

Similar Description - TCRO

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-009268-PKG003 MA-COM-MAOC-009268-PKG003 Datasheet
159Kb / 5P
Voltage Controlled Oscillator 12.7 - 14.2 GHz
logo
Advanced Crystal Techno...
OX260 ACT-OX260 Datasheet
284Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 6.5mm
01/06/2017
OX1260 ACT-OX1260 Datasheet
238Kb / 3P
OCXO, Sine wave, HCMOS, 20.4 x 12.7 x 10.7mm
01/06/2017
logo
TAITIEN ELECTRONICS CO....
NF-TYPE TAITIEN-NF-TYPE Datasheet
413Kb / 1P
20.3 x 12.7 mm Oven Controlled Crystal Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TV0137A TAI-SAW-TV0137A Datasheet
105Kb / 7P
VCO, SMD, 7.8mm x 6.0mm
REV. NO.: 2.0
logo
Transko Electronics, In...
THH TRANSKO-THH Datasheet
470Kb / 2P
TCXO/VCTCXO HALF SIZE HERMETIC SEALED (12.7 x 12.7 x 5.1mm)
Rev. 1: Dec. 2014
THI TRANSKO-THI Datasheet
441Kb / 2P
TCXO HALF SIZE HERMETIC SEALED (12.7 x 12.7 x 5.1mm)
Ver. 2: Sep. 2013
TVCO-A TRANSKO-TVCO-A Datasheet
270Kb / 1P
SMD VOLTAGE CONTROLLED OSCILLATOR (10.2 X 7.2 X 2.8MM)
TVCO TRANSKO-TVCO Datasheet
555Kb / 4P
SMD VOLTAGE CONTROLLED OSCILLATOR (12.8 X 12.8 X 4.0MM)
TVCO-B TRANSKO-TVCO-B Datasheet
267Kb / 1P
SMD VOLTAGE CONTROLLED OSCILLATOR (7.8 X 5.8 X 3.3MM)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com