Electronic Components Datasheet Search
  English  ▼

X  

2SC5745 Datasheet(PDF) 18 Page - NEC

Part # 2SC5745
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5745 Datasheet(HTML) 18 Page - NEC

Back Button 2SC5745 Datasheet HTML 14Page - NEC 2SC5745 Datasheet HTML 15Page - NEC 2SC5745 Datasheet HTML 16Page - NEC 2SC5745 Datasheet HTML 17Page - NEC 2SC5745 Datasheet HTML 18Page - NEC 2SC5745 Datasheet HTML 19Page - NEC 2SC5745 Datasheet HTML 20Page - NEC 2SC5745 Datasheet HTML 21Page - NEC 2SC5745 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Data Sheet P15439EJ1V0DS
18
2SC5745
VCE = 2 V, IC = 10 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.650
0.562
0.522
0.507
0.499
0.496
0.498
0.503
0.505
0.509
0.514
0.522
0.524
0.530
0.536
0.540
0.545
0.556
0.562
0.568
0.576
0.586
0.588
0.599
0.604
0.610
0.617
0.621
0.626
0.629
0.693
0.738
−70.3
−109.7
−132.0
−145.6
−155.5
−162.7
−168.3
−172.8
−176.7
179.8
177.2
174.2
171.9
169.3
167.0
164.8
162.7
160.5
158.8
156.5
155.2
153.4
151.8
149.9
148.7
146.8
145.3
143.9
142.9
141.1
130.1
118.6
22.450
14.814
10.756
8.275
6.753
5.677
4.910
4.328
3.874
3.504
3.208
2.962
2.748
2.573
2.404
2.267
2.145
2.032
1.936
1.845
1.776
1.703
1.628
1.575
1.514
1.460
1.411
1.364
1.332
1.306
1.030
0.817
137.6
115.5
103.8
96.4
90.7
86.5
82.4
79.2
75.7
73.0
69.9
67.3
64.5
61.9
59.3
56.9
54.6
52.3
50.0
47.6
45.3
43.3
40.9
39.0
37.0
35.1
33.3
31.6
29.7
28.4
14.9
5.3
0.033
0.046
0.055
0.062
0.070
0.078
0.086
0.095
0.104
0.113
0.123
0.132
0.142
0.152
0.162
0.172
0.183
0.194
0.204
0.215
0.226
0.236
0.247
0.257
0.267
0.278
0.287
0.296
0.306
0.317
0.424
0.496
61.4
51.4
50.5
52.9
54.9
57.0
58.6
60.3
61.4
62.2
62.8
63.3
63.6
63.8
63.7
63.7
63.5
63.2
62.6
62.1
61.6
61.2
60.5
60.0
59.2
58.4
57.8
57.3
56.7
56.2
44.9
34.2
0.746
0.502
0.371
0.292
0.245
0.209
0.186
0.166
0.155
0.142
0.136
0.127
0.126
0.120
0.121
0.118
0.123
0.123
0.131
0.135
0.146
0.152
0.165
0.172
0.184
0.192
0.205
0.214
0.230
0.238
0.380
0.504
−37.7
−54.4
−61.2
−65.0
−66.8
−69.4
−70.9
−74.5
−77.2
−82.0
−85.6
−91.4
−95.9
−102.2
−107.3
−114.6
−120.4
−128.0
−133.7
−140.4
−145.2
−150.9
−154.8
−159.8
−163.3
−167.3
−170.5
−173.5
−175.5
−178.8
157.1
139.3
0.250
0.469
0.638
0.773
0.863
0.937
0.980
1.014
1.036
1.055
1.062
1.065
1.069
1.068
1.066
1.067
1.062
1.053
1.046
1.040
1.025
1.016
1.017
1.004
1.001
0.995
0.990
0.991
0.980
0.976
0.906
0.914
28.37
25.05
22.93
21.28
19.85
18.63
17.54
15.86
14.55
13.47
12.65
11.94
11.26
10.69
10.14
9.60
9.17
8.81
8.46
8.11
7.99
7.80
7.39
7.51
7.35
7.21
6.91
6.63
6.38
6.15
3.85
2.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com