Electronic Components Datasheet Search
  English  ▼

X  

2SC5745 Datasheet(PDF) 5 Page - NEC

Part # 2SC5745
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5745 Datasheet(HTML) 5 Page - NEC

  2SC5745 Datasheet HTML 1Page - NEC 2SC5745 Datasheet HTML 2Page - NEC 2SC5745 Datasheet HTML 3Page - NEC 2SC5745 Datasheet HTML 4Page - NEC 2SC5745 Datasheet HTML 5Page - NEC 2SC5745 Datasheet HTML 6Page - NEC 2SC5745 Datasheet HTML 7Page - NEC 2SC5745 Datasheet HTML 8Page - NEC 2SC5745 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet P15439EJ1V0DS
5
2SC5745
VCE = 1 V
f = 2 GHz
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
10
8
6
4
2
0
10
1
100
VCE = 2 V
f = 2 GHz
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
10
6
8
2
4
0
10
1
100
VCE = 1 V
IC = 10 mA
Frequency f (GHz)
INSERTION POWER GAIN vs. FREQUENCY
35
20
25
30
5
10
15
0
0.1
1
10
VCE = 2 V
IC = 10 mA
Frequency f (GHz)
INSERTION POWER GAIN vs. FREQUENCY
35
20
25
30
5
10
15
0
0.1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com