Electronic Components Datasheet Search
  English  ▼

X  

UPB1005GS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPB1005GS
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1005GS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPB1005GS Datasheet HTML 9Page - Renesas Technology Corp UPB1005GS Datasheet HTML 10Page - Renesas Technology Corp UPB1005GS Datasheet HTML 11Page - Renesas Technology Corp UPB1005GS Datasheet HTML 12Page - Renesas Technology Corp UPB1005GS Datasheet HTML 13Page - Renesas Technology Corp UPB1005GS Datasheet HTML 14Page - Renesas Technology Corp UPB1005GS Datasheet HTML 15Page - Renesas Technology Corp UPB1005GS Datasheet HTML 16Page - Renesas Technology Corp UPB1005GS Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Data Sheet PU10014EJ02V0DS
11
µµµµPB1007K
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25
°°°°C, VCC = 3.0 V)
 IC TOTAL 
40
35
30
25
20
15
10
5
0
1234
Supply Voltage VCC (V)
TOTAL CIRCUIT CURRENT
vs. SUPPLY VOLTAGE
PLL lock
TA = +85˚C
TA = +25˚C
TA = –40˚C
 PRE-AMPLIFIER BLOCK 
4
3
2
1
0
1234
Supply Voltage VCC (V)
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
No signal
+10
0
–10
–20
–30
–40
–50
–50
–40
–60
–30
–20
–10
0
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
fRFin = 1 575.42 MHz
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
+10
0
–10
–20
–30
–40
–50
–50
–40
–60
–30
–20
–10
0
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
VCC = 3 V
fRFin = 1 575.42 MHz
TA = +85˚C
TA = +25˚C
TA = –40˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com