Electronic Components Datasheet Search
  English  ▼

X  

UPB1005GS Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPB1005GS
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1005GS Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPB1005GS Datasheet HTML 17Page - Renesas Technology Corp UPB1005GS Datasheet HTML 18Page - Renesas Technology Corp UPB1005GS Datasheet HTML 19Page - Renesas Technology Corp UPB1005GS Datasheet HTML 20Page - Renesas Technology Corp UPB1005GS Datasheet HTML 21Page - Renesas Technology Corp UPB1005GS Datasheet HTML 22Page - Renesas Technology Corp UPB1005GS Datasheet HTML 23Page - Renesas Technology Corp UPB1005GS Datasheet HTML 24Page - Renesas Technology Corp UPB1005GS Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet PU10014EJ02V0DS
19
µµµµPB1007K
MEASUREMENT CIRCUIT 3 (RF-MIX Block)
12
3
4
56
7
8
9
28
29
30
31
32
33
34
35
36
18
17
16
15
14
13
12
11
10
27
26
25
24
23
22
21
20
19
PD
CP
÷8
Reg
÷25
÷2
10 nF
10 nF
10 nF 10 nF
50
Ω
Terminater
1.95 k
Ω
0.1 F
µ
0.1 F
µ
0.1 F
µ
50
Ω
Terminater
50
Ω
Terminater
0.1 F
µ
0.1 F
µ
0.1 F
µ
1 F
µ
1 F
µ
1 nF
50
Ω
Terminater
1 nF
100
pF
10 nF
100 pF 1 nF
50
Ω
Signal
Generater
50
Ω
Signal
Generater
1 pF
2.7 nH
10 nF 10 pF 10 nF
50
Ω
Terminater
0.1 F
µ
0.1
F
µ
1.95 k
Ω
50
Ω
Spectrum Analyzer
50
Ω
Terminater
10 nF
50
Ω
Terminater
1 nF
1 nF
10 nF 50 pF
10 nF 10 pF
4.7 nH
10 nF
10 nF
10 nF
10 nF
50
Ω
Terminater
MEASUREMENT CIRCUIT 4 (RF-MIX Block: NF)
12
3
4
56
7
8
9
28
29
30
31
32
33
34
35
36
18
17
16
15
14
13
12
11
10
27
26
25
24
23
22
21
20
19
PD
CP
÷8
Reg
÷25
÷2
10 nF
10 nF
10 nF 10 nF
50
Ω
Terminater
1.95 k
Ω
0.1 F
µ
0.1 F
µ
0.1 F
µ
50
Ω
Terminater
50
Ω
Terminater
0.1 F
µ
0.1 F
µ
0.1 F
µ
1 F
µ
1 F
µ
1 nF
50
Ω
Terminater
1 nF
100
pF
10 nF
100 pF 1 nF
50
Ω
Signal
Generater
1 pF
2.7 nH
10 nF 10 pF 10 nF
50
Ω
Terminater
0.1 F
µ
0.1
F
µ
1.95 k
Ω
50
Ω
Terminater
10 nF
50
Ω
Terminater
1 nF
1 nF
10 nF 50 pF
10 nF 10 pF
4.7 nH
10 nF
10 nF
10 nF
10 nF
50
Ω
Terminater
NF Meter
Noise Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com