Electronic Components Datasheet Search
  English  ▼

X  

UPB1005K Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPB1005K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1005K Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPB1005K Datasheet HTML 9Page - Renesas Technology Corp UPB1005K Datasheet HTML 10Page - Renesas Technology Corp UPB1005K Datasheet HTML 11Page - Renesas Technology Corp UPB1005K Datasheet HTML 12Page - Renesas Technology Corp UPB1005K Datasheet HTML 13Page - Renesas Technology Corp UPB1005K Datasheet HTML 14Page - Renesas Technology Corp UPB1005K Datasheet HTML 15Page - Renesas Technology Corp UPB1005K Datasheet HTML 16Page - Renesas Technology Corp UPB1005K Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
RF Block (LNA, RFmixer)
fRFin = 1 575.42 MHz, f1stLOin = 1 400.256 MHz, PLO = 0 dBm, f1stIF = 175.164 MHz, Pin15 = 3 V
, ZL = Zin = 50 Ω
Power conversion gain
CGLNA-MIX PRFin =
−60 dBm
18
23
28
dB
Noise Figure
NFLNA-MIX Input matched, DSB
−
5
−
dB
Input 1dB Compression Level
Pin (1dB) LNA-MIX Input matched
−
−38
−
dBm
Local Signal Leak to IF
ALO-IF
−
−35
−
dBm
Local Signal Leak to RF
ALO-RF
−
−50
−
dBm
IF Block (AGC, IQ Mix, IFamp, ADC)
f1stIFin = 175.164 MHz, f2ndLOin = 175.032 MHz, f2ndIFout = 132 kHz, ZL = 2 k
Ω, Zin = 600 Ω
I ch Magbit Output Pluse Duty
Duty-I ch P1stIFin =
−80 dBm, VAGC = 0.5 V,
VIQ-C = 0 V
50
70
−
%
Q ch Magbit Output Pluse Duty
Duty-Q ch P2ndIFin =
−80 dBm, VAGC = 0.5 V,
VIQ-C = 2.1 V
50
70
−
%
Input 1dB Compression Level
Pin (1dB) AGC AGCamp + IQ MIX
−
−45
−
dBm
AGC Control range
AAGC
25
45
−
dB
2ndLO Isoration (1stIFin)
A2ndLO-1stIF VAGC = 0 V
−
−90
−
dB
IQ Balance Control Voltage
VIQ-C
Ich = Qch
−
2.1
2.8
V
IQ Balance Control Gain Range
AIQ-C
Magbit Output Pulse Duty Cycle 50% (Qch)
4.0
6.5
−
dB
PLL
PLL Charge Pump High Side
Current
ICPOH
VCPout = VCC/2
−
200
−
µA
PLL Charge Pump Low Side
Current
ICPOL
VCPout = VCC/2
−
−200
−
µA
Phase Comparision Frequency
fPD
−
13.728
−
MHz
VCO, REF Amp
Reference Input Minimum Level
VREFin
50
200
−
mVpp
Input Frequency of Reference
Input
fREFin
−
27.456
−
MHz
VCO Control Voltage
VT
PLL Locked
0.8
1.5
2.2
V
VCO C/N
C/N
∆1 kHz
57
62
−
dBc/Hz
Data Sheet PU10282EJ01V0DS
11
µPB1008K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com