Electronic Components Datasheet Search
  English  ▼

X  

UPB1005K Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPB1005K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1005K Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPB1005K Datasheet HTML 17Page - Renesas Technology Corp UPB1005K Datasheet HTML 18Page - Renesas Technology Corp UPB1005K Datasheet HTML 19Page - Renesas Technology Corp UPB1005K Datasheet HTML 20Page - Renesas Technology Corp UPB1005K Datasheet HTML 21Page - Renesas Technology Corp UPB1005K Datasheet HTML 22Page - Renesas Technology Corp UPB1005K Datasheet HTML 23Page - Renesas Technology Corp UPB1005K Datasheet HTML 24Page - Renesas Technology Corp UPB1005K Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
 IF BLOCK (ADC) 
ADC OUTPUT WAVE FORM
(2ndIFin : f = 132 kHz, Pin (I ch) =
−45 dBm, Pin (Q ch) = 49 dBm, VCC = 3.0 V, TA = +25°C)
I ch
Q ch
Sign bit
Mega bit
Remark The graphs indicate nominal characteristics.
Data Sheet PU10282EJ01V0DS
19
µPB1008K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com