Electronic Components Datasheet Search
  English  ▼

X  

2SC5851 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5851
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5851 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5851 Datasheet HTML 1Page - Renesas Technology Corp 2SC5851 Datasheet HTML 2Page - Renesas Technology Corp 2SC5851 Datasheet HTML 3Page - Renesas Technology Corp 2SC5851 Datasheet HTML 4Page - Renesas Technology Corp 2SC5851 Datasheet HTML 5Page - Renesas Technology Corp 2SC5851 Datasheet HTML 6Page - Renesas Technology Corp 2SC5851 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5851
Rev.1.00 Aug 10, 2005 page 4 of 6
Collector Current
IC (mA)
500
0.1
VCE = 6 V
Noise Figure vs.
Signal Source Resistance
Signal Source Resistance Rg (Ω)
10
12
VCE = 6 V
IC = 1 mA
f = 100 MHz
10
8
4
2
0
6
20
50
100
200
500 1000
Gain Bandwidth Product vs.
Collector Current
400
300
200
100
0
0.3
1.0
3
10
30
Gain Bandwidth Product vs.
Collector to Emitter Voltage
Collector to Emitter Voltage
VCE (V)
IC = 1 mA
12
5
20
20
400
300
200
100
0
Input/Output Admittance vs.
Collector to Emitter Voltage
Collector to Emitter Voltage
VCE (V)
12
5
10
20
50
500
200
100
50
20
10
IC = 1 mA
f = 100 MHz
goe
boe
bie
gie
gie
bie
boe
goe
Collector to Emitter Voltage VCE (V)
1
500
bre
VCE = 6 V
f = 100 MHz
boe
bie
gie
goe
goe
gie
bie
boe
500
200
10
20
50
100
0.1
0.2
0.5
1.0
2
5
Collector Current
IC (mA)
Input/Output Admittance vs.
Collector Current
Transfer Admittance vs.
Collector to Emitter Voltage
IC = 1 mA
f = 100 MHz
200
100
50
20
10
2
5
10
20
50
gfe
bfe
bfe
gfe
bre



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com