Electronic Components Datasheet Search
  English  ▼

X  

2SC5851 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5851
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5851 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5851 Datasheet HTML 1Page - Renesas Technology Corp 2SC5851 Datasheet HTML 2Page - Renesas Technology Corp 2SC5851 Datasheet HTML 3Page - Renesas Technology Corp 2SC5851 Datasheet HTML 4Page - Renesas Technology Corp 2SC5851 Datasheet HTML 5Page - Renesas Technology Corp 2SC5851 Datasheet HTML 6Page - Renesas Technology Corp 2SC5851 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC5851
Rev.1.00 Aug 10, 2005 page 3 of 6
Main Characteristics
100
DC Current Transfer Ratio vs.
Collector Current
0.1
VCE = 6 V
Maximum Collector Dissipation Curve
Ambient Temperature
Ta (°C)
50
100
150
150
100
50
0
*Value on the glass epoxy board
(10 mm x 10 mm x 0.7 mm)
Typical Output Characteristics
Collector to Emitter Voltage
VCE (V)
10
8
6
4
2
020
16
12
8
4
Pulse test
IB = 0
20
µA
40
60
80
100
VCE = 6 V
Typical Transfer Characteristics
Base to Emitter Voltage VBE (V)
0.2
0.4
0.6
0.8
1.0
10
8
6
4
2
0
Collector Current
IC (mA)
80
40
20
0
60
0.3
1.0
3
10
30
Noise Figure vs. Collector Current
Collector Current
IC (mA)
5
0.2
VCE = 6 V
Rg = 500 Ω
f = 1.0 MHz
4
3
2
1
0
0.5
1.0
2
5
10
Noise Figure vs. Collector Current
Collector Current
IC (mA)
24
0.1
VCE = 6 V
Rg = 50 Ω
f = 100 MHz
20
16
12
8
4
0
0.2
0.5
1.0
2
5
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com