Electronic Components Datasheet Search
  English  ▼

X  

UPC258 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC258
Description  Low Noise Dual Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC258 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC258 Datasheet HTML 2Page - Renesas Technology Corp UPC258 Datasheet HTML 3Page - Renesas Technology Corp UPC258 Datasheet HTML 4Page - Renesas Technology Corp UPC258 Datasheet HTML 5Page - Renesas Technology Corp UPC258 Datasheet HTML 6Page - Renesas Technology Corp UPC258 Datasheet HTML 7Page - Renesas Technology Corp UPC258 Datasheet HTML 8Page - Renesas Technology Corp UPC258 Datasheet HTML 9Page - Renesas Technology Corp UPC258 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
μPC258, 4558
R03DS0145EJ0100 Rev.1.00
Page 6 of 9
2019.06.13
0
1
2
3
4
0±10
±20
Supply Voltage V ± [V]
ICC vs. V ±
-20
-10
0
10
20
0±10
±20
Supply Voltage V ± [V]
VICM vs. V ±
-10
-5
0
5
10
0
5 10 15 20 25 30 35 40
Time t [μs]
Output Response Characteristics
V ± = ±15 V
AV =1
RL = 2 kΩ
1
10
100
1000
10000
110
100
1k
Frequency f [Hz]
en vs. f
V ± = ±15 V
RS = 100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com