Electronic Components Datasheet Search
  English  ▼

X  

UPC258 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPC258
Description  Low Noise Dual Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC258 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPC258 Datasheet HTML 2Page - Renesas Technology Corp UPC258 Datasheet HTML 3Page - Renesas Technology Corp UPC258 Datasheet HTML 4Page - Renesas Technology Corp UPC258 Datasheet HTML 5Page - Renesas Technology Corp UPC258 Datasheet HTML 6Page - Renesas Technology Corp UPC258 Datasheet HTML 7Page - Renesas Technology Corp UPC258 Datasheet HTML 8Page - Renesas Technology Corp UPC258 Datasheet HTML 9Page - Renesas Technology Corp UPC258 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
μPC258, 4558
R03DS0145EJ0100 Rev.1.00
Page 9 of 9
2019.06.13
PACKAGE DRAWINGS
8-PIN PLASTIC SOP
JEITA Package code
RENESAS code
Previous code
MASS (TYP.) [g]
P-SOP8-0225-1.27
PRSP0008DL-A
S8GM-50-225B
0.08
ITEM
A5.2
+0.17
-0.20
B
C
D0.42
+0.08
-0.07
E
F
G1.49
H
I
J
K0.17
+0.08
-0.07
L
M
N
P3°
+7°
-3°
1.1 ±0.2
0.6 ±0.2
0.12
0.10
MILLIMETERS
6.5 ±0.3
4.4 ±0.15
0.78 MAX
1.27 (T.P)
0.1 ±0.1
1.59 ±0.21
Unit: mm
NOTE
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
detail of lead end



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com