Electronic Components Datasheet Search
  English  ▼

X  

UPC2912T Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPC2912T
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2912T Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPC2912T Datasheet HTML 14Page - Renesas Technology Corp UPC2912T Datasheet HTML 15Page - Renesas Technology Corp UPC2912T Datasheet HTML 16Page - Renesas Technology Corp UPC2912T Datasheet HTML 17Page - Renesas Technology Corp UPC2912T Datasheet HTML 18Page - Renesas Technology Corp UPC2912T Datasheet HTML 19Page - Renesas Technology Corp UPC2912T Datasheet HTML 20Page - Renesas Technology Corp UPC2912T Datasheet HTML 21Page - Renesas Technology Corp UPC2912T Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
µ PC29xx Series
16
Data Sheet G10026EJ4V0DS
IO peak vs VDIF ( PC2905)
µ
µ
µ
µ
µ
3.0
2.0
1.0
0
510
15
20
VDIF - Dropout Voltage - V
R · R vs f
80
70
0
100
1 k
10 k
100 k
f - Frequency - Hz
60
50
40
30
20
10
R · R vs IO ( PC2933)
80
70
30
0.2
0.4
0.6
1.0
IO - Output Current - A
VDIF vs IO ( PC2933)
1.0
0
0.2
0.4
0.6
1.0
IO - Output Current - A
0.8
0.6
0.4
0.2
0
0.8
0
60
50
40
0.8
VO vs IO ( PC2933)
6
5
0
0.4
0.8
1.2
2.4
IO - Output Current - A
1.6
4
3
1
2.0
2
TJ = 25
°C
TJ = 125
°C
TJ = 25
°C
IO = 1 A
PC2933
PC2912
TJ = 25
°C
TJ = 25
°C
4.3 V
≤ VIN ≤ 16 V
f = 120 Hz
TJ = 25
°C
VIN = 16 V
VIN = 5 V
TJ = 0
°C
PC2905
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com