Electronic Components Datasheet Search
  English  ▼

X  

UPC2912T Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPC2912T
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2912T Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPC2912T Datasheet HTML 15Page - Renesas Technology Corp UPC2912T Datasheet HTML 16Page - Renesas Technology Corp UPC2912T Datasheet HTML 17Page - Renesas Technology Corp UPC2912T Datasheet HTML 18Page - Renesas Technology Corp UPC2912T Datasheet HTML 19Page - Renesas Technology Corp UPC2912T Datasheet HTML 20Page - Renesas Technology Corp UPC2912T Datasheet HTML 21Page - Renesas Technology Corp UPC2912T Datasheet HTML 22Page - Renesas Technology Corp UPC2912T Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
µ PC29xx Series
20
Data Sheet G10026EJ4V0DS
Through-hole devices
µPC29xxHF Series, µPC29xxHF-AZ Series Note1: Isolated TO-220 (MP-45G)
µPC29xxHB Series, µPC29xxHB-AZ Series Note1, µPC29xxHB-AY Series Note2: SC-64 (MP-3)
Process
Conditions
Symbol
Wave soldering
Solder temperature: 260
°C or below,
WS60-00-1
(only to leads)
Flow time: 10 seconds or less.
Partial heating method
Pin temperature: 350
°C or below,
P350
Heat time: 3 seconds or less (Per each pin).
Notes 1. Pb-free (This product does not contain Pb in the external electrode.)
2. Pb-free (This product does not contain Pb in the external electrode, Sn100% plating.)
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure
that the package body does not get jet soldered.
CAUTION ON USE
When using the
µPC29xx series at the input voltage which is lower than in the recommended operating condition,
the high quiescent current flows through devices because the transistor of the output paragraph is saturated (Refer
to “IBIAS (IBIAS (s)) vs VIN curves in TYPICAL CHARACTERISTICS”). The
µPC29xx series have saturation protection
circuits, but they sometimes need about 80 mA current. Therefore the power supply on the input needs the enough
current capacity to pass this quiescent current when the devices startup.
REFERENCE DOCUMENTS
USER'S MANUAL USAGE OF THREE TERMINAL REGULATORS
Document No.G12702E
REVIEW OF QUALITY AND RELIABILITY HANDBOOK
Document No.C12769E
INFORMATION VOLTAGE REGULATOR OF SMD
Document No.G11872E
SEMICONDUCTOR DEVICE MOUNT MANUAL
http://www.necel.com/pkg/en/mount/index.html
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com