Electronic Components Datasheet Search
  English  ▼

X  

UPC358C Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC358C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC358C Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC358C Datasheet HTML 1Page - Renesas Technology Corp UPC358C Datasheet HTML 2Page - Renesas Technology Corp UPC358C Datasheet HTML 3Page - Renesas Technology Corp UPC358C Datasheet HTML 4Page - Renesas Technology Corp UPC358C Datasheet HTML 5Page - Renesas Technology Corp UPC358C Datasheet HTML 6Page - Renesas Technology Corp UPC358C Datasheet HTML 7Page - Renesas Technology Corp UPC358C Datasheet HTML 8Page - Renesas Technology Corp UPC358C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
µPC358
3
Data Sheet G11765EJ6V0DS
µPC358G2(5)
ELECTRICAL CHARACTERISTICS (TA = 25
°C, V+ = +5 V, V– = GND)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS = 0
Ω±2
±3mV
Input Offset Current
IIO
±5
±50
nA
Input Bias Current
Note 7
IB
45
60
nA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ
50
100
V/mA
Supply Current
Note 8
ICC
RL =
∞, IO = 0 A
0.7
0.9
mA
Common Mode Rejection Ratio
CMR
65
70
dB
Supply Voltage Rejection Ratio
SVR
65
100
dB
Output Voltage Swing
VO
RL = 2 k
Ω (Connect to GND)
0
V+ –1.5
V
Common Mode Input Voltage Range
VICM
0V+ –1.4
V
Output Current (SOURCE)
IO SOURCE
VIN+ = +1 V, VIN– = 0 V
30
40
mA
Output Current (SINK)
IO SINK
VIN– = +1 V, VIN+ = 0 V
15
20
mA
VIN– = +1 V, VIN+ = 0 V,
30
50
µA
VO = 200 mV
Channel Separation
f = 1 kHz to 20 kHz
120
dB
Notes 7. Input bias currents flow out from IC. Because each currents are base current of PNP-transistor on input
stage.
8. This current flows irrespective of the existence of use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com