Electronic Components Datasheet Search
  English  ▼

X  

UPC358C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC358C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC358C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC358C Datasheet HTML 2Page - Renesas Technology Corp UPC358C Datasheet HTML 3Page - Renesas Technology Corp UPC358C Datasheet HTML 4Page - Renesas Technology Corp UPC358C Datasheet HTML 5Page - Renesas Technology Corp UPC358C Datasheet HTML 6Page - Renesas Technology Corp UPC358C Datasheet HTML 7Page - Renesas Technology Corp UPC358C Datasheet HTML 8Page - Renesas Technology Corp UPC358C Datasheet HTML 9Page - Renesas Technology Corp UPC358C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
µPC358
4
Data Sheet G11765EJ6V0DS
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25
°C, TYP.)
POWER DISSIPATION
TA - Operating Ambient Temperature -
°C
SUPPLY CURRENT
4
3
2
1
V
+ - Supply Voltage - V (V– = GND)
INPUT OFFSET VOLTAGE
0
3
2
1
0
V
+ - Supply Voltage - V (V– = GND)
INPUT OFFSET VOLTAGE
–50
5
4
3
2
1
0
–1
–2
–3
–4
TA - Operating Ambient Temperature - ˚C
INPUT BIAS CURRENT
V
+ - Supply Voltage - V (V– = GND)
INPUT BIAS CURRENT
TA - Operating Ambient Temperature - ˚C
010
203040
ICC
V+
+
–
TA = 0 to 70
°C
TA = –20
°C
A
TA = 25 ˚C
10
20
30
40
050
100
V
+ = 5 V
600
0
500
400
300
200
100
20
40
60
80
100
PC358G2
PC358C
µ
µ
100
040
75
50
25
30
20
10
TA = 25
°C
100
–50
100
80
40
20
50
0
60
0
V+ = +15 V
V– = GND
each 5 samples data
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com