Electronic Components Datasheet Search
  English  ▼

X  

UPC451A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC451A
Description  Single Power Supply Quad Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC451A Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC451A Datasheet HTML 1Page - Renesas Technology Corp UPC451A Datasheet HTML 2Page - Renesas Technology Corp UPC451A Datasheet HTML 3Page - Renesas Technology Corp UPC451A Datasheet HTML 4Page - Renesas Technology Corp UPC451A Datasheet HTML 5Page - Renesas Technology Corp UPC451A Datasheet HTML 6Page - Renesas Technology Corp UPC451A Datasheet HTML 7Page - Renesas Technology Corp UPC451A Datasheet HTML 8Page - Renesas Technology Corp UPC451A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
μPC451A
R03DS0143EJ0100 Rev.1.00
Page 3 of 10
2019.1.17
ABSOLUTE MAXIMUM RATINGS
(TA = 25 C)
Parameter
Symbol
Ratings
Unit
Voltage between V+ and V- Note 1
V + - V -
-0.3 ~ +32
V
Differential Input Voltage
VID
±32
V
Input Voltage Note 2
VI
V - -0.3 ~ V - +32
V
Output applied Voltage Note 3
VO
V - -0.3 ~ V + +0.3
V
Total Power Dissipation Note 4
PT
550
mW
Output Short Circuit Duration Note 5
tS
Indefinite
s
Operating Ambient Temperature
TA
-40 ~ +125
C
Storage Temperature
Tstg
-55 ~ +150
C
【
Note】1. Note that reverse connections of the power supply may damage the ICs.
2. The input voltage range that can be applied to the input terminal without deterioration or destruction of
characteristics. It can be applied regardless of the power supply voltage as long as it is within the rating.
Either input signal is not allowed to go negative by more than 0.3 V. In addition, the input voltage that operates
normally as an operational amplifier is within the Common Mode Input Voltage range of an electrical
characteristic.
3. A range where input voltage can be applied to an output pin externally with no deterioration or damage to
the feature (characteristic). The input voltage can be applied regardless of the electric supply voltage. This
specification which includes the transition state such as electric power ON/OFF must be kept.
4. This is the value when the glass epoxy substrate (size: 100 mm x 100 mm, thickness: 1 mm, 15% of the
substrate area where only one side is copper foiled is filling wired) is mounted.
Note that restrictions will be made to the following conditions for each product, and the derating ratio
depending on the operating ambient temperature.
μPC451AG2 : Derate at -5.5 mW/
C when TA > 25 C
μPC451AGR : Derate at -7.0 mW/
C when TA > 71 C
5. Short circuits from the output to V+ can cause destruction. (V+ ≦ +15V, for any one channel only) Pay careful
attention to the total power dissipation by not exceeding the absolute maximum ratings, Note 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com