Electronic Components Datasheet Search
  English  ▼

X  

UPC451A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC451A
Description  Single Power Supply Quad Operational Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC451A Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC451A Datasheet HTML 1Page - Renesas Technology Corp UPC451A Datasheet HTML 2Page - Renesas Technology Corp UPC451A Datasheet HTML 3Page - Renesas Technology Corp UPC451A Datasheet HTML 4Page - Renesas Technology Corp UPC451A Datasheet HTML 5Page - Renesas Technology Corp UPC451A Datasheet HTML 6Page - Renesas Technology Corp UPC451A Datasheet HTML 7Page - Renesas Technology Corp UPC451A Datasheet HTML 8Page - Renesas Technology Corp UPC451A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
μPC451A
R03DS0143EJ0100 Rev.1.00
Page 4 of 10
2019.1.17
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Power Supply Voltage (Split)
V ±
±1.5
±15
V
Power Supply Voltage (V - = GND)
V +
+3
+30
V
ELECTRICAL CHARACTERISTICS
(TA = 25 C, V + = +5 V, V - = GND)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Input Offset Voltage
VIO
±2
±7
mV
RS = 0 Ω
Input Offset Current
IIO
±5
±50
nA
Input Bias Current Note 6
IB
26
250
nA
Large Signal Voltage Gain
AV
25000
100000
RL ≧ 2 kΩ
Circuit Current Note 7
ICC
1.0
2
mA
RL = ∞, IO = 0 A
Common Mode Rejection
Ratio
CMR
65
85
dB
Supply Voltage Rejection
Ratio
SVR
65
100
dB
Output Voltage Swing
VO
0
V + -1.5
V
RL = 2 kΩ (connected to
GND)
Common Mode Input Voltage
Range
VICM
0
V + -1.5
V
Output Source Current
IO SOURCE
20
40
mA
VIN (+) = +1 V, VIN (-) = 0 V
Output Sink Current
IO SINK1
10
20
mA
VIN (-) = +1 V, VIN (+) = 0 V
IO SINK2
12
50
μA
VIN (-) = +1 V, VIN (+) = 0 V,
VO = 200 mV
Channel Separation
120
dB
f = 1 ~ 20 kHz
【
Note】6. The absolute value of the input bias current is small, thus the direction of the current flowing from the inside
of the IC may be reversed due to variations in the product during high temperature.
7. This is a current that flows in the internal circuit. This current will flow irrespective of the channel used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com