Electronic Components Datasheet Search
  English  ▼

X  

TXSO Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # TXSO
Description  STRAP-ON TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TXSO Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  TXSO Datasheet HTML 1Page - Greystone Energy Systems Inc. TXSO Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-TXSOXXX-03
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
PRODUCT
TXSO
Strap-on Temperature Transmitter
ENCLOSURE
A
E
ABS, weatherproof with hinged and gasketed cover
Same as A, with thread adapter (1/2” NPT to M16), and cable gland fitting
SENSOR
12X
1000 Ω Platinum, IEC 751, 385 Alpha, thin film
OUTPUT
A
D
E
4-20mA
0-5 Vdc
0-10 Vdc
SCALED RANGE
001
002
003
*
0 to 35°C (32 to 95°F)
0 to 50°C (32 to 122°F)
0 to 100°C (32 to 212°F)
Custom ranges available
ORDERING
TXSO
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
WIRING INFORMATION
TERMINAL
FUNCTION
PWR
Power Supply
OUT
Analog Output
COM
Common
NEG
SEN
Temperature Sensor Input
EXC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com