Electronic Components Datasheet Search
  English  ▼

X  

TXSO Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TXSO
Description  STRAP-ON TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TXSO Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TXSO Datasheet HTML 1Page - Greystone Energy Systems Inc. TXSO Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
STRAP-ON TEMPERATURE TRANSMITTER
TXSO SERIES
PRODUCT DESCRIPTION
The single point strap-on temperature transmitter
has a precision platinum RTD bonded to a
machined aluminum heat sink. A 25.4 cm (10”) S/S
Pipe clamp is provided to secure the assembly to
various sizes of pipes. All probes are constructed
to provide excellent heat transfer, fast response
and are potted to resist moisture penetration. A
transmitter that provides a high accuracy signal
with excellent long term stability, low hysteresis
and fast response is available with various ranges.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The strap-on temperature transmitter series can
be mounted directly to various sizes of pipes and
secured using a 254 mm (10”) S/S pipe clamp.
The 254 mm (10”) S/S pipe clamp is a “Quick
Release” type and can be separated by moving
the tightening screw. Position the aluminum
plate on the pipe so it makes the best contact,
wrap the clamp around the pipe and re-assemble
and tighten. For best results, thermal conductive
compound should be applied to pipe prior to
mounting the probe.
Wiring connections are made inside the enclosure.
NOTE: This product is factory calibrated and any field adjustment will void the warranty.
SENSOR TYPE
1000 Ω platinum RTD
SENSOR ACCURACY
±0.3°C (±0.54°F) @ 0°C (32°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
WIRE MATERIAL
PVC insulated, parallel bonded, 22 AWG
PROBE MATERIAL
Machined aluminum heat sink
PROBE DIMENSIONS
38.1mm x 12.7mm (1.5” x 0.5”)
PIPE STRAP
25.4 cm (10”) stainless steel
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc, or 0-10 Vdc (factory configured)
TRANSMITTER ACCURACY
±0.1% of span, including linearity
OUTPUT DRIVE @ 24 VDC
Current: 600 Ω maximum
Voltage: 10 KΩ minimum
POWER SUPPLY
0-5 Vdc: 10-35 Vdc or 10-28 Vac
0-10 Vdc: 15-35 Vdc or 15-28 Vac
4-20 mA: 15-35 Vdc (loop-powered) or 22-28 Vac
CURRENT CONSUMPTION
Current: 20 mA
Voltage: 5 mA
MAXIMUM CURRENT (VOLTAGE)
5 mA nominal
MAXIMUM OUTPUT (VOLTAGE)
Limited to <5.5 Vdc or 0-5 Vdc, <10.5 for 0-10 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
ENCLOSURE
A: ABS, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with thread adapter (1/2” NPT to M16), and cable gland fitting
TERMINATION
Screw terminal block (14 to 22 AWG)
APPROVALS
CE
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
82.5 mm
3.25"
52.0 mm
2.05"
28.6 mm
1.125"
Machined Aluminum
Heat Sink
0.5” NPT
25.4 cm (10”)
S/S Pipe Clamp
Quick Release
76.2 mm
3.00"
69.8 mm
2.75"


Similar Part No. - TXSO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
TXS KEMET-TXS Datasheet
189Kb / 1P
Thermal Sensors Overheat Protection
8/19/2019
logo
Texas Instruments
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101 TI-TXS0101 Datasheet
615Kb / 19P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101 TI-TXS0101 Datasheet
840Kb / 21P
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101 TI-TXS0101 Datasheet
1Mb / 28P
TXS0101-Q1 Automotive 1-Bit Bidirectional Level-Shifting, Voltage-Level Translator With Auto-Direction-Sensing for Open-Drain and Push-Pull Applications
JUNE 2024
More results

Similar Description - TXSO

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HATDSO GREYSTONE-PS-HATDSO Datasheet
312Kb / 2P
HIGH ACCURACY STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
PS-HATXRP GREYSTONE-PS-HATXRP Datasheet
310Kb / 2P
HIGH ACCURACY REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER
PS-HATXSO GREYSTONE-PS-HATXSO Datasheet
372Kb / 2P
HIGH ACCURACY STRAP-ON TEMPERATURE TRANSMITTER
PS-TNSO GREYSTONE-PS-TNSO Datasheet
365Kb / 2P
STRAP-ON NETWORK TEMPERATURE TRANSMITTER
TDRP GREYSTONE-TDRP Datasheet
223Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
TDSO GREYSTONE-TDSO Datasheet
227Kb / 2P
STRAP-ON TEMPERATURE TRANSMITTER WITH LCD
TNSO GREYSTONE-TNSO Datasheet
365Kb / 2P
STRAP-ON NETWORK TEMPERATURE TRANSMITTER
TSSO GREYSTONE-TSSO Datasheet
297Kb / 2P
STRAP-ON TEMPERATURE SENSOR
TXRP GREYSTONE-TXRP Datasheet
271Kb / 2P
REMOTE PROBE STRAP-ON TEMPERATURE TRANSMITTER
06/20
logo
Siemens Semiconductor G...
QAD2 SIEMENS-QAD2 Datasheet
171Kb / 6P
Strap-on temperature sensor
2017-12-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com