Electronic Components Datasheet Search
  English  ▼

X  

WLD2C Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # WLD2C
Description  WATER DETECTOR, DUAL CHANNEL, CONDUCTIVITY CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

WLD2C Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  WLD2C Datasheet HTML 1Page - Greystone Energy Systems Inc. WLD2C Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-WLD2CXXX-01
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
WIRING INFORMATION
TERMINAL
FUNCTION
NO
Normally Open Contact
CM1
COMMON
NC
Normally Closed Contact
NO
Normally Open Contact
CM2
COMMON
NC
Normally Closed Contact
COM
COMMON
PWR
+24 VAC/DC
PRODUCT
WLD2C
Water Detector, 2 Channel, Conductivity Cable
LEADER CABLE, CHANNEL 1
00
02
05
10
No Leader Cable
2m (6.5’)
5m (16.4’)
10m (32.8’)
CONDUCTIVITY CABLE, CHANNEL 1
C002
C003
C005
C010
C015
C020
C050
2m (6.5’)
3m (9.8’)
5m (16.4’)
10m (32.8’)
15m (49.2’)
20m (65.6)
50m (164’)
LEADER CABLE, CHANNEL 2
L00
L02
L05
L10
No Leader Cable
2m (6.5’)
5m (16.4’)
10m (32.8’)
CONDUCTIVITY CABLE, CHANNEL 2
C002
C003
C005
C010
C015
C020
C050
2m (6.5’)
3m (9.8’)
5m (16.4’)
10m (32.8’)
15m (49.2’)
20m (65.6)
50m (164’)
ORDERING
WLD2C
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
NO CM1 NC NO CM2 NC
COM
PWR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com