Electronic Components Datasheet Search
  English  ▼

X  

WLD2C Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # WLD2C
Description  WATER DETECTOR, DUAL CHANNEL, CONDUCTIVITY CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

WLD2C Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  WLD2C Datasheet HTML 1Page - Greystone Energy Systems Inc. WLD2C Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
WATER DETECTOR, DUAL CHANNEL, CONDUCTIVITY CABLE
WLD2C SERIES
APPLICATION
The following chart gives examples of what types of fluids the WLD can and cannot be used to detect.
FLUIDS THAT CAN BE DETECTED
FLUIDS THAT CAN’T BE DETECTED
City water
Pure water
Sea water
Gasoline
Copper sulfate solution
Oil
Weak acid
Brake fluid
Weak base
Alcohol
Household ammonia
Ethylene glycol
Water & glycol mixture
Parafin
Wet soil
Dry soil
Coffee
Whiskey
PRODUCT DESCRIPTION
The dual channel conductivity cable water
detector is used to detect the presence of water or
conductive liquids. It features two sensing cables,
each with an independent relay output and is
designed to signal alarms if one or more of three
conditions are met: water is detected, power is lost
to the unit, or if there is an internal failure.
The dual channel water detector features two
independent conductivity cables that are available
in several lengths. An optional leader cable is also
available in several lengths.
It is housed in an IP65 rated enclosure with height
adjustable mounting legs. A tri-color LED provides
visual status indication.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The water detector enclosure can be mounted
directly to the floor of the area requiring
monitoring or on a nearby wall.
60.3mm - 85.7mm
2.4” - 3.4”
86.7mm
3.4”
120.5mm
4.7”
133.2mm
5.2”
50.8mm
2.0"
POWER SUPPLY
12 - 27 Vac/dc
SUPPLY CURRENT
125 mA max @ 24 Vac
ALARM OUTPUT
2 Form C relay(s), NO/NC, rated 2 Amps @ 30 VAC/VDC, 0.5 Amps @ 120 VAC
(resistive load)
VISUAL INDICATION
Tri-color LED - Green, Yellow, Red
OPERATING TEMPERATURE
0 to 50°C (32 to 122°F)
ENCLOSURE
ABS with hinged and gasket cover, IP65
DIMENSIONS
133.2mm L x 86.7mm W x 60.3-85.7mm H (5.2” x 3.4” x 2.4”- 3.4”)
OPTIONAL LEADER CABLE
FT-6 Plenum rated
APPROVALS
CE, RoHS
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS


Similar Part No. - WLD2C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WLD2 OMRON-WLD2 Datasheet
2Mb / 42P
Two-circuit Limit Switch
WLD2 OMRON-WLD2 Datasheet
2Mb / 42P
Two-circuit Limit Switch
WLD2-139 OMRON-WLD2-139 Datasheet
10Mb / 52P
Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLD2-55 OMRON-WLD2-55 Datasheet
10Mb / 52P
Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WLD2-55LD OMRON-WLD2-55LD Datasheet
10Mb / 52P
Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
More results

Similar Description - WLD2C

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LHI814 PERKINELMER-LHI814 Datasheet
237Kb / 1P
Dual Channel Detector
logo
Microchip Technology
TC52 MICROCHIP-TC52 Datasheet
515Kb / 10P
Dual Channel Voltage Detector
2002
TC52 MICROCHIP-TC52_13 Datasheet
182Kb / 12P
Dual Channel Voltage Detector
11/27/12 2001-2012
TC52 MICROCHIP-TC52_15 Datasheet
219Kb / 12P
Dual-Channel Voltage Detector
01/27/15
logo
Greystone Energy System...
WLD2R GREYSTONE-WLD2R Datasheet
1Mb / 2P
WATER DETECTOR, DUAL CHANNEL, REMOTE SPOT
WLD2S GREYSTONE-WLD2S Datasheet
1Mb / 2P
WATER DETECTOR, DUAL CHANNEL, SPOT
WLDC GREYSTONE-WLDC Datasheet
1Mb / 2P
WATER DETECTOR, CONDUCTIVITY CABLE
WLDR GREYSTONE-WLDR Datasheet
1Mb / 2P
WATER DETECTOR, REMOTE SPOT
WLDS GREYSTONE-WLDS Datasheet
991Kb / 2P
WATER DETECTOR, SPOT
logo
Endress+Hauser Group Se...
CLY421 EH-CLY421 Datasheet
845Kb / 12P
Conductivity calibration kit for ultrapure water applications
2022-09-29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com