Electronic Components Datasheet Search
  English  ▼

X  

VFC320CP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # VFC320CP
Description  Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VFC320CP Datasheet(HTML) 9 Page - Texas Instruments

Back Button VFC320CP Datasheet HTML 4Page - Texas Instruments VFC320CP Datasheet HTML 5Page - Texas Instruments VFC320CP Datasheet HTML 6Page - Texas Instruments VFC320CP Datasheet HTML 7Page - Texas Instruments VFC320CP Datasheet HTML 8Page - Texas Instruments VFC320CP Datasheet HTML 9Page - Texas Instruments VFC320CP Datasheet HTML 10Page - Texas Instruments VFC320CP Datasheet HTML 11Page - Texas Instruments VFC320CP Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
VFC320
9
SBVS017A
FIGURE 12. Remote Transducer Readout via Fiber Optic Link (Analog and Digital Output).
FIGURE 13. Bipolar input is accomplished by offsetting the
input to the VFC with a reference voltage.
Accurately matched resistors in the REF101
provide a stable half-scale output frequency at
zero volts input.
FIGURE 14. Absolute value circuit with the VFC320. Op
amp, D
1
and Q
1
(its base-emitter junction
functioning as a diode) provide full-wave
rectification of bipolar input voltages. VFC
output frequency is proportional to | e
1 |. The
sign bit output provides indication of the input
polarity.
3510B
VFC320
0.01µF
C
1
3270pF
C
2
R
3
40.2k
Ω
R
2
100k
Ω
R
1
11k
Ω
4.7k
Ω
4.7k
Ω
+V
CC
V
IN
8.66k
Ω
R
4
D
1
IN4154
2N2222
Sign Bit
Out
e
1
Bipolar
Input
Q
1
f
OUT
–
+
Integrator
Current
20k
Ω
20k
Ω
REF101
VFC320
10
13
7
5
7
+15V
8
1
+10V to –10V
Input
4
10V
30k
Ω
12
0.01µF
+15V
3
3300pF
11
14
–15V
0 to
10kHz
Output
1
Gain Adjust
6
5
2k
Ω
VFC320
V/F
V
IN
f
OUT
Clock
BCD
Counter
Driver
INA101
Transducer
Precision DC
levels down to
10mV full scale
FOT
FOR
Display
VFC320
F/V
V
OUT
f
IN
Analog
Output
Digital
Output
0.005% Linearity
Instrumentation
Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com