Electronic Components Datasheet Search
  English  ▼

X  

VFC320CP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # VFC320CP
Description  Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VFC320CP Datasheet(HTML) 3 Page - Texas Instruments

  VFC320CP Datasheet HTML 1Page - Texas Instruments VFC320CP Datasheet HTML 2Page - Texas Instruments VFC320CP Datasheet HTML 3Page - Texas Instruments VFC320CP Datasheet HTML 4Page - Texas Instruments VFC320CP Datasheet HTML 5Page - Texas Instruments VFC320CP Datasheet HTML 6Page - Texas Instruments VFC320CP Datasheet HTML 7Page - Texas Instruments VFC320CP Datasheet HTML 8Page - Texas Instruments VFC320CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
VFC320
3
SBVS017A
PACKAGE
SPECIFIED
DRAWING
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
DESIGNATOR
RANGE
MARKING
NUMBER(1)
MEDIA
VFC320BP
DIP-14
010
N
–40
°C to +85°C
VFC320CP
DIP-14
010
N
–40
°C to +85°C
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces
of “VFC320BP/2K5” will get a single 2500-piece Tape and Reel.
Top View
DIP
+V
CC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Input
Amp
One-
shot
NC
NC
–V
CC
f
OUT
–In
NC
One-Shot
Capacitor
V
OUT
Common
+In
NC
NC
Comparator
Input
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ...................................................................................
±20V
Output Sink Current at fOUT ............................................................... 50mA
Output Current at VOUT ................................................................... +20mA
Input Voltage, –Input ..........................................................................
±V
CC
Input Voltage, +Input ..........................................................................
±V
CC
Storage Temperature Range .......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com