Electronic Components Datasheet Search
  English  ▼

X  

TLE4966G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4966G
Description  High Precision Hall-Effect Switch with Direction Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4966G Datasheet HTML 2Page - Infineon Technologies AG TLE4966G Datasheet HTML 3Page - Infineon Technologies AG TLE4966G Datasheet HTML 4Page - Infineon Technologies AG TLE4966G Datasheet HTML 5Page - Infineon Technologies AG TLE4966G Datasheet HTML 6Page - Infineon Technologies AG TLE4966G Datasheet HTML 7Page - Infineon Technologies AG TLE4966G Datasheet HTML 8Page - Infineon Technologies AG TLE4966G Datasheet HTML 9Page - Infineon Technologies AG TLE4966G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Type
Ordering Code
Package
TLE4966G
SP002983176
PG-TSOP6-6-9
High Precision Hall-Effect Switch with Direction
Detection
TLE4966G
Data Sheet
6
Rev. 1.01, 2019-10-22
1Overview
1.1
Features
•
2.7 V to 24 V supply voltage operation
•
Operation from unregulated power supply
•
High sensitivity and high stability
of the magnetic switching points
•
High resistance to mechanical stress
by Active Error Compensation
•
Reverse battery protection (-18 V)
•
Superior temperature stability
•
Peak temperatures up to 195°C without damage
•
Low jitter (typ. 1
μs)
•
Digital output signals
•
Bipolar version
•
Excellent matching between the 2 Hall probes
•
Hall plate distance 1.45 mm
•
Direction & speed information
•
Direction signal switches before the speed signal
•
SMD package PG-TSOP6-6-9
1.2
Functional Description
The TLE4966G is an integrated circuit double Hall-effect sensor designed specifically for
highly accurate applications. Precise magnetic switching points and high temperature
stability are achieved by active compensation circuits and chopper techniques on chip.
They provide a speed signal at Q2 for every magnetic pole pair and a direction
information at Q1, which is provided before the speed signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com