Electronic Components Datasheet Search
  English  ▼

X  

TLE4966G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4966G
Description  High Precision Hall-Effect Switch with Direction Detection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4966G Datasheet HTML 7Page - Infineon Technologies AG TLE4966G Datasheet HTML 8Page - Infineon Technologies AG TLE4966G Datasheet HTML 9Page - Infineon Technologies AG TLE4966G Datasheet HTML 10Page - Infineon Technologies AG TLE4966G Datasheet HTML 11Page - Infineon Technologies AG TLE4966G Datasheet HTML 12Page - Infineon Technologies AG TLE4966G Datasheet HTML 13Page - Infineon Technologies AG TLE4966G Datasheet HTML 14Page - Infineon Technologies AG TLE4966G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TLE4966G
Electrical and Magnetic Parameters
Data Sheet
11
Rev. 1.01, 2019-10-22
5
Electrical and Magnetic Parameters
Table 5
Electrical Characteristics 1)
1) over operating range, unless otherwise specified. Typical values correspond to
VS = 12 V and TA = 25°C
Parameter
Symbol
Limit Values
Unit
Conditions
min.
typ.
max.
Supply current
I
S
4
5.2
7
mA
V
S = 2.7 V ... 18 V
Reverse current
I
SR
0
0.2
1
mA
V
S = -18 V
Output saturation
voltage
V
QSAT
–
0.3
0.6
V
I
Q = 10 mA
Output leakage
current
I
QLEAK
–
0.05
10
μA
for
V
Q = 18 V
Output fall time
t
f
–
0.2
1
μs
R
L = 1.2 kΩ; CL < 50 pF
see:
Figure 3 on Page 13
Output rise time
t
r
–
0.2
1
μs
Chopper frequency
f
OSC
–
320
–
kHz
Switching frequency
f
SW
0
–
15 2)
2) To operate the sensor at the max. switching frequency, the magnetic signal amplitude must be 1.4 times
higher than for static fields. This is due to the -3 dB corner frequency of the low pass filter in the signal path.
kHz
Delay time 3)
3) Systematic delay between magnetic threshold reached and output switching
t
d
–
13
–
μs
Count Signal Delay
t
dc
50
200
1000 ns
Output jitter 4)
4) Jitter is the unpredictable deviation of the output switching delay
t
QJ
–
1
–
μs
RMS
Typ. value for square-
wave signal 1 kHz
Repeatability of
magnetic thresholds 5)
5)
BREP is equivalent to the noise constant
B
REP
–
40
–
μT
RMS Typ. value for
ΔB/Δt > 12 mT/ms
Power-on time 6)
6) Time from applying
VS ≥ 2.7 V to the sensor until the output state is valid
t
PON
–
13
–
μs
V
S ≥ 2.7 V
Distance of hall plates
d
HALL
–
1.45
–
mm
Thermal resistance 7)
7) Thermal resistance from junction to ambient
R
thJA
–
100
–
K/W
PG-TSOP6-6-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com