Electronic Components Datasheet Search
  English  ▼

X  

SCD5584A Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SCD5584A
Description  8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SCD5584A Datasheet(HTML) 3 Page - Infineon Technologies AG

  SCD5584A Datasheet HTML 1Page - Infineon Technologies AG SCD5584A Datasheet HTML 2Page - Infineon Technologies AG SCD5584A Datasheet HTML 3Page - Infineon Technologies AG SCD5584A Datasheet HTML 4Page - Infineon Technologies AG SCD5584A Datasheet HTML 5Page - Infineon Technologies AG SCD5584A Datasheet HTML 6Page - Infineon Technologies AG SCD5584A Datasheet HTML 7Page - Infineon Technologies AG SCD5584A Datasheet HTML 8Page - Infineon Technologies AG SCD5584A Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
SCD5580/1/2/3/4 A
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
3
March 23, 2000-18
Figure 3. Top View
Electrical Characteristics at 25
°C
Notes:
1) When an external clock is used it must be stopped.
2) Unused inputs must be tied high.
3) Peak current 5/3 xICC.
Input/Output Circuits
Figures 5 and 6 show the input and output resistor/diode
networks used for ESD protection and to eliminate substrate
latch-up caused by input voltage over/under shoot.
Figure 4. Inputs
Parameter
Min.
Typ.
Max.
Units
Conditions
VCC
4.5
5.0
5.5
V
—
ICC (Pwr Dwn Mode)(1)(2)
—
5.0
—
µA
VCC=5.0 V, all inputs=0 V or VCC
ICC 8 digits(3)
16 dots/character
—
200
240
mA
VCC=5.0 V, “#” displayed in all 8 digits
at 100% brightness at 25
°C
IIL Input current
—
—
–10
µA
VCC=5.0 V, VIN=0 (all inputs)
IIH Input current
—
—
10
µA
VCC=VIN=5.0 V (all inputs)
VIH
3.5
—
—
V
VCC=4.5 V to 5.5 V
VIL
—
—
1.5
V
VCC=4.5 V to 5.5 V
IOH (CLK I/O)
—
–8.9
—
mA
VCC=4.5 V, VOH=2.4 V
IOL (CLK I/O)
—
1.6
—
mA
VCC=4.5 V, VOL=0.4 V
θ
J-pin
—35
—
°C/W
—
Fext External Clock Input
Frequency
120
—
347
kHz
VCC=5.0 V, CLKSEL=0
Fosc Internal Clock Input
Frequency
120
—
347
kHz
VCC=5.0 V, CLKSEL=1.0
Clock I/O Bus Loading
—
—
240
pF
—
Clock Out Rise Time
—
—
500
ns
VCC=4.5 V, VOH=2.4 V
Clock Out Fall Time
—
—
500
ns
VCC=4.5 V, VOH=0.4 V
Digit Multiplex Frequency
375
768
1086
Hz
—
28
15
1
14
Character 0
Character 7
VCC
1 K
Ω
GND
input
Figure 5. Clock I/O
VCC
1 K
Ω
GND
input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com