Electronic Components Datasheet Search
  English  ▼

X  

SCD5584A Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SCD5584A
Description  8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SCD5584A Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SCD5584A Datasheet HTML 4Page - Infineon Technologies AG SCD5584A Datasheet HTML 5Page - Infineon Technologies AG SCD5584A Datasheet HTML 6Page - Infineon Technologies AG SCD5584A Datasheet HTML 7Page - Infineon Technologies AG SCD5584A Datasheet HTML 8Page - Infineon Technologies AG SCD5584A Datasheet HTML 9Page - Infineon Technologies AG SCD5584A Datasheet HTML 10Page - Infineon Technologies AG SCD5584A Datasheet HTML 11Page - Infineon Technologies AG SCD5584A Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
SCD5580/1/2/3/4 A
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
8
March 23, 2000-18
Table 2. Load Character Address
Table 3. Load Column Data
The user can activate four Control functions. These include:
LED Brightness Level, Lamp Test, IC Power Down, or Display
Clear. OPCODEs and five bit words are used to initiate these
functions. The OPCODEs and Control Words for the Character
Address and Loading Column Data are shown in Tables 2 and 3.
The user can select seven specific LED brightness levels,
Table 4. These brightness levels (in percentages of full bright-
ness of the display) include: 100% (F0HEX), 53% (F1HEX), 40%
(F2HEX), 27% (F3HEX), 20% (F4HEX), 13% (F5HEX), and 6.6%
(F6HEX). The brightness levels are controlled by changing the
duty factor of the row strobe pulse.
The SCD558XA offers a unique Display Power Down feature
which reduces ICC to less than 50 µA. When FFHEX is loaded,
as shown in Table 5, the display is set to 0% brightness and the
internal multiplex clock is stopped. When in the Power Down
mode data may still be written into the RAM. The display is
reactivated by loading a new Brightness Level Control Word
into the display.
Figure 9. Row and Column Location
Op code
D7 D6 D5
Character Address
D4 D3 D2 D1 D0
Hex
Operation
Load
1
0
1
0
0
0
0
0
A0
Character 0
1
0
1
0
0
0
0
1
A1
Character 1
1
0
1
0
0
0
1
0
A2
Character 2
1
0
1
0
0
0
1
1
A3
Character 3
1
0
1
0
0
1
0
0
A4
Character 4
1
0
1
0
0
1
0
1
A5
Character 5
1
0
1
0
0
1
1
0
A6
Character 6
1
0
1
0
0
1
1
1
A7
Character 7
Op code
D7 D6 D5
Column Data
D4 D3 D2 D1 D0
Operation Load
0
0
0
C0 C1 C2 C3 C4
Row 0
0
0
1
C0 C1 C2 C3 C4
Row 1
0
1
0
C0 C1 C2 C3 C4
Row 2
0
1
1
C0 C1 C2 C3 C4
Row 3
1
0
0
C0 C1 C2 C3 C4
Row 4
off LED
on LED
Row 0
Row 1
Row 2
Row 3
Row 4
0 1 2 3 4
Columns
Previously “on” LED
Table 4. Display Brightness
Table 5. Power Down
The Lamp Test is enabled by loading F8HEX, Table 6, into the
serial shift register. This Control Word sets all of the LEDs to a
53% brightness level. Operation of the Lamp Test has no affect
on the RAM and is cleared by loading a Brightness Control Word.
Table 6. Lamp Test
The Software Clear (C0HEX), given in Table 7, clears the
Address Register and the RAM. The display is blanked and the
Character Address Register will be set to Character 0. The
internal counter and the Control Word Register are unaffected.
The Software Clear will remain active until the next data input
cycle is initiated.
Table 7. Software Clear
Op code
D7 D6 D5
Control Word
D4 D3 D2 D1 D0
Hex
Operation
Level
1
1
1
1
0
0
0
0
F0
100%
111
100
0
1
F1
53%
111
100
1
0
F2
40%
111
100
1
1
F3
27%
111
101
0
0
F4
20%
111
101
0
1
F5
13%
1
1
1
1
0
1
1
0
F6
6.6%
Op code
D7 D6 D5
Control Word
D4 D3 D2 D1 D0
Hex
Operation
Level
111
111
1
1
FF
0%
brightness
Op code
D7 D6 D5
Control Word
D4 D3 D2 D1 D0
Hex
Operation
Level
1
1
1
1
0
B
B
B
Lamp Test
(OFF)
1
1
1
1
1
0
0
0
F8
Lamp Test
(ON)
Op code
D7 D6 D5
Control Word
D4 D3 D2 D1 D0
Hex
Operation
Level
1
1
0
0
0
0
0
0
C0
CLEAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com