Electronic Components Datasheet Search
  English  ▼

X  

HT9201A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9201A
Description  Simple Tone Dialer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9201A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9201A Datasheet HTML 1Page - Holtek Semiconductor Inc HT9201A Datasheet HTML 2Page - Holtek Semiconductor Inc HT9201A Datasheet HTML 3Page - Holtek Semiconductor Inc HT9201A Datasheet HTML 4Page - Holtek Semiconductor Inc HT9201A Datasheet HTML 5Page - Holtek Semiconductor Inc HT9201A Datasheet HTML 6Page - Holtek Semiconductor Inc HT9201A Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pin Name
I/O
Internal
Connection
Description
X1
I
OSCILLATOR
The system oscillator consists of an inverter, a bias resistor
and the necessary load capacitor on chip. Connecting a
standard 3.579545MHz crystal or ceramic resonator to the X1
and X2 terminals can implement the oscillator function. The
oscillator is turned off in the standby mode, and is actuated
whenever a keyboard entry is detected.
X2
O
XMUTE
O
NMOS OUT
XMUTE is an NMOS open drain structure pulled to VSS
during dialing signal transmission. Otherwise, it is an open
circuit. XMUTE is used to mute the speech circuit when
transmitting the dial signal.
MUTE
O
CMOS OUT
The output is low when no keypad input is entered and it
becomes high during dialing sequence. The timing diagram is
shown in the operation timing.
FLASH
O
CMOS OUT
This pin is a CMOS output structure from which the chip
receives the flash key (F1~F4) signals to break the telephone
line for a flash time.
TEST
I
CMOS IN
Pull-High
For IC chip test only
VDD
I
—
Positive power supply, 2.0V~5.5V for normal operation
VSS
I
—
Negative power supply
Approximate internal connection circuits
Absolute Maximum Ratings*
Supply Voltage ............................... –0.3V to 6V
Storage Temperature ............... –50
°C to 125°C
Input Voltage ............... VSS–0.3V to VDD+0.3V
Operating Temperature ............. –20
°C to 75°C
*Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of this device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied and exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
HT9201A/B
3
3rd Dec ’97



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com