Electronic Components Datasheet Search
  English  ▼

X  

HT9201A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9201A
Description  Simple Tone Dialer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9201A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9201A Datasheet HTML 1Page - Holtek Semiconductor Inc HT9201A Datasheet HTML 2Page - Holtek Semiconductor Inc HT9201A Datasheet HTML 3Page - Holtek Semiconductor Inc HT9201A Datasheet HTML 4Page - Holtek Semiconductor Inc HT9201A Datasheet HTML 5Page - Holtek Semiconductor Inc HT9201A Datasheet HTML 6Page - Holtek Semiconductor Inc HT9201A Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical Characteristics
(Ta=25
°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
2
—
5.5
V
IDD
Operating Current
2.5V
Keypad entry
No load
—0.6
2
mA
ISTB
Standby Current
2.5V No load, no entry
—
—
1
µA
VIL
Input Low Voltage
—
—
VSS
—
0.2VDD
V
VIH
Input High Voltage
—
—
0.8VDD
—VDD
V
IXMO
XMUTE Leakage Current
—
VXMUTE=12V
No entry
——
1
µA
IOLXM
XMUTE Sink Current
2.5V VXMUTE=0.5V
1
—
—
mA
IOH1
Keypad Pin Source Current 2.5V VOH=0V
–4
—
–40
µA
IOL1
Keypad Pin Sink Current
2.5V VOL=2.5V
200
400
—
µA
TDB
Key-in Debounce Time
—
FOSC=3.5795MHz
—
20
—
ms
FOSC
System Frequency
—
Crystal=3.5795MHz 3.5759 3.5795 3.5831 MHz
Tone Mode Electrical Characteristics
(FOSC=3.5795MHz, Ta=25
°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VTDC
DTMF Output DC Level
—
—
0.45VDD
—0.7VDD
V
ITOL
DTMF Sink Current
2.5V VDTMF=0.5V
0.1
—
—
mA
VTAC
DTMF Output AC Level
—
Row group, RL=5k
Ω
0.12
0.155
0.18
Vrms
RL
DTMF Output Load
2.5V THD
≤–23dB
5
—
—
k
Ω
ACR
Column Pre-emphasis
2.5V Row group=0dB
1
2
3
dB
THD
DTMF Signal Distortion
2.5V RL=5k
Ω
—–30
–23
dB
THD (Distortion) (dB) = 20 log
(
√
V1
2 + V22+ … + Vn2 ⁄
√
Vi
2 + Vh2 )
Vi, Vh: Row group and column group signals
V1, V2, ... Vn: Harmonic signals (BW=300Hz~3500Hz)
HT9201A/B
4
3rd Dec ’97



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com