Electronic Components Datasheet Search
  English  ▼

X  

UPC1830 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPC1830
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1830 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPC1830 Datasheet HTML 35Page - Renesas Technology Corp UPC1830 Datasheet HTML 36Page - Renesas Technology Corp UPC1830 Datasheet HTML 37Page - Renesas Technology Corp UPC1830 Datasheet HTML 38Page - Renesas Technology Corp UPC1830 Datasheet HTML 39Page - Renesas Technology Corp UPC1830 Datasheet HTML 40Page - Renesas Technology Corp UPC1830 Datasheet HTML 41Page - Renesas Technology Corp UPC1830 Datasheet HTML 42Page - Renesas Technology Corp UPC1830 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Vcc
0.22 F
C945
470 F
68
Ω
BNC
B-OUT
Vcc
0.22 F
C945
68
Ω
BNC
G-OUT
+
+
Vcc
0.22 F
C945
68
Ω
BNC
R-OUT
+
16 15 14 13 12 11 10 9
12345678
PD4538B
Delay 10 k
Ω
PD 10 kΩ
5.1 k
Ω
22 F
0.1 F
470 pF
0.22 F
15 pF
4.43
MHz
470
Ω
NC
910
k
Ω
Note 1
+
0.1
F
15 k
Ω
0.01 F
680
k
Ω
4.7 F
+
1 F
Vcc
22
F
0.1 F
1000 pF
C945
VCC
VCC
+
2.2
F
0.1
F
+
1 F
43 k
Ω
Subcolor
control
Contrast
control
1 k
Ω
220
pF
VCC
1.8 k
Ω
A733
150
Ω
75
Ω
10
k
Ω
22
k
Ω
0.01 F
C945
1 k
Ω
VCC
75
Ω
18
k
Ω
27
k
Ω
C945
1 k
Ω
VCC
BNC
SEP-C-IN
100 F
+
VCC
COMP
SEP-SW
SEP
+
2.2 k
Ω
390 pF
330
Ω 4700
pF
4.3 k
Ω
2.2 F
2.7
k
Ω
500
kHz
+
VCC
22 F
0.1 F
Killer
detect
BLK HD
VD
+
VCC
0.22 F
0.22
F
0.22
F
0.1
F
0.1
F
0.1
F
20 k
Ω
Color control
Tint control
20 k
Ω
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
Mode
switch
Sync.
separate
V filter
H sync.
detect
H/V count
32 fH VCO
AFC wave
detect
Clamp
chroma
trap
Separate/composite switch
Separate/composite
switch, ACC amp.
subcolor control
Delay
HD, VD, blanking pulse,
killer output buffer
chroma
BPF
Contrast control
LPF
Y, R-Y, B-Y
output buffer
R-Y, B-Y
modulate
Filter f0
adjust
3.58 MHz/4.43 MHz
VCXO, PAL SW
APC, killer detect,
IDENT detect
RGB output
buffer
NTSC/PAL
matrix
Tint control
Amp. color
control
Y, R-Y, B-Y
input clamp
VCC
180 pF
22 F
Note 2
75
Ω
20
k
Ω
0.22 F
+
Vcc
180
k
Ω
220
Ω
BNC
Y-IN
820
Ω
470 F
470 F
10
k
Ω
20 k
Ω
µ
µ
µ
µ
µ
µ
µ
µ
µ
5.1 k
Ω
µ
µ
µ
µ
µ
µ
µ
µ
270 pF
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
Notes 1. Crystal resonator for load of 16 pF.
4.433 619 MHz (PAL) : DAISHINKU CORP. (Type: HC-49/U)
2. CSB500F23: Murata Mfg. Co.,Ltd.
+
Y
R-Y B-Y
R-Y B-Y
Killer
fSC
C
fSC
R-Y B-Y G-Y
R-Y
B-Y
R-Y B-Y
R
B
G
V
H
BLK
Y
Y
H
V
C
0.1
F
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com