Electronic Components Datasheet Search
  English  ▼

X  

UPC1830 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPC1830
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1830 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPC1830 Datasheet HTML 24Page - Renesas Technology Corp UPC1830 Datasheet HTML 25Page - Renesas Technology Corp UPC1830 Datasheet HTML 26Page - Renesas Technology Corp UPC1830 Datasheet HTML 27Page - Renesas Technology Corp UPC1830 Datasheet HTML 28Page - Renesas Technology Corp UPC1830 Datasheet HTML 29Page - Renesas Technology Corp UPC1830 Datasheet HTML 30Page - Renesas Technology Corp UPC1830 Datasheet HTML 31Page - Renesas Technology Corp UPC1830 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
µPC1830
26
Conditions
Symbol
Sync. separation
input DC voltage
H sync. pull-in
range
Horizontal VCO
control sensitivity
Horizontal VCO
free-running freq.
Horizontal VCO
free-running freq.
fluctuation with
power supply
voltage fluctuation
HD pulse output,
high
HD pulse output,
low
HD pulse output
width
Blanking pulse
output, high
Blanking pulse
output, low
Blanking pulse
output, width
Vertical free-running
frequency
(in 50-Hz mode)
–
–
–
2.25
2.55
2.85
V
––
–
±400
–
–
Hz
–
–
–
1.2
1.5
1.9
Hz/mV
–
–
–
–200
0
+200
Hz
––
–
0
±50
Hz
–
–
–
3.9
4.05
–
V
–
–
–
–
0.5
0.6
V
–
–
–
3.9
4.4
4.9
µs
–
–
–
3.9
4.05
–
V
–
–
–
–
0.5
0.6
V
–
–
–
9.9
10.4
10.9
µs
–
–––
fH/368
–
Hz
–
–––
fH/352
–
Hz
–
–––
fH/272
–
Hz
–
–––
fH/288
–
Hz
Composite f SC
PAL or
MIN.
TYP.
MAX.
Unit
/Separate
(MHz) NTSC
–
Sync. signal
(300 mVp-p)
only
_
–
–
Sync. signal
(300 mVp-p)only
Sync. signal
(300 mVp-p)only
Sync. signal
(300 mVp-p)only
Sync. signal
(300 mVp-p)only
Sync. signal
(300 mVp-p)only
Sync. signal
(300 mVp-p)only
Sync. separate
input of 3.5 V
Sync. separate
input of –1 mA
Input signal
(1/2)
Sync. separation input
DC voltage at no signal
Frequencies at which
horizontal AFC can be
pulled,
H sync width = 4.8
µs
Calculated from HD
output frequency
change when horizontal
AFC filter pin voltage
changes from 2.9 to 3.4
V,
With no signal
Difference for 15.680
kHz of HD output
frequency,
With no signal
Change of fH when VCC
changes from 4.5 to 5.5
V
IOH = –200
µA
IOL = +200
µA
When HD pulse rising,
falling is 2.5 V
IOH = –200
µA
IOL = +200
µA
When blanking pulse
rising, falling is 2.5 V
H sync. detect filter
pin voltage = 0 V
H sync. detect filter
pin voltage = 5 V
H sync. detect filter
pin voltage = 0 V
H sync. detect filter
pin voltage = 5 V
EIS
fHP
βH
fH
∆fHV
EHDH
EHDL
tWHD
EBLH
EBLL
tWBL
fv1
fv2
fv3
fv4
SYNCHRONOUS SECTION
Parameter
Remark
For the input signal, see Measuring Input Signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com