Electronic Components Datasheet Search
  English  ▼

X  

S5933 Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # S5933
Description  32-Bit PCI MatchMaker
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5933 Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button S5933 Datasheet HTML 9Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 10Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 11Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 12Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 13Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 14Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 15Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 16Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
6290 Sequence Drive, San Diego, California 92121-4358 800-755-2622
13
S5933
32-Bit PCI “MatchMaker”
Symbol
Parameter
Min
Test Conditions
Notes
Max
Units
V
DD
Supply Voltage
High Level Input Voltage
Low Level Input Voltage
High Level Output Voltage
Low Level Output Voltage
4.75
2.0
-0.5
2.4
-
1
5.25
-
0.8
-
0.55
Volts
Volts
Volts
Volts
Volts
To PCI Spec 2.2
I
out = -2 ma
V
ih
V
il
V
oh
V
ol
I
out = 3 ma, 6 ma
High Input Leakage Current
Low Input Leakage Current
-
2
2
70
-70
µA
µA
I
ih
I
il
V
in = 2.7 VDC
V
in = 0.5 VDC
-
Input Pin Capacitance
CLK Pin Capacitance
IDSEL Pin Capacitance
-
5
-
3
10
12
8
pF
pF
pF
C
in
C
CLK
C
IDSEL
ABSOLUTE MAXIMUM RATINGS
Supply Voltage Range (VDD Core)-0.3 V to 7.0 V
Input Pin Voltage Range-0.5 V to VDD + 0.5 V
Storage Temperature Range-55 to 125 °C
⊗ Stresses beyond those listed under absolute maximum ratings may cause permanent damage to this device. These are stress ratings only.
RECOMMENDED OPERATING CONDITIONS
Notes:
1. PCI bus signals without pull-up resistors will provide the 3 ma output current. Signals which require a
pull-up Resistor (FRAME#, TRDY#, IRDY#, DEVSEL#, STOP#, SERR# and PERR#) will provide 6
ma output current.
2. Input leakage applies to all inputs and bidirectional buffers.
3. The PCI specification limits all PCI inputs not located on the motherboard to 10 pF (the PCI clock is
allowed to be 12 pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com