Electronic Components Datasheet Search
  English  ▼

X  

S5933 Datasheet(PDF) 9 Page - Applied Micro Circuits Corporation

Part # S5933
Description  32-Bit PCI MatchMaker
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5933 Datasheet(HTML) 9 Page - Applied Micro Circuits Corporation

Back Button S5933 Datasheet HTML 5Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 6Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 7Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 8Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 9Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 10Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 11Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 12Page - Applied Micro Circuits Corporation S5933 Datasheet HTML 13Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
6290 Sequence Drive, San Diego, California 92121-4358 800-755-2622
9
S5933
32-Bit PCI “MatchMaker”
EWR#
t/s
External nv Memory Write Control. This pin is asserted during write operations involving
the external non-volatile memory. Data is presented on pins EQ[7:0] along with its address
on pins EA[15:0] throughout the entire assertion of EWR#. This pin is shared with the
serial external memory interface signal, SDA.
EQ[7:0]
t/s
External Memory Data Bus. These pins are used to directly connect with the data pins of
an external non-volatile memory. When a serial memory is connected to the S5933, the
pins EQ4, EQ5, EQ6, and EQ7 become reconfigured to provide signal pins for bus master-
ing control from the Add-On interface.
DQ[31:0]
t/s
Address/Data Bus. The 32 bit Add-On data bus. The DQMODE signal configures the bus
width for either 32 or 16 bits. All DQ[31:0] signals have an internal pull-up.
ADR[6:2}
in
Address [6:2]. These inputs select which S5933 register is to be read from or written to. To
be used in conjunction with SELECT#, BE[3:0]# and WR# or RD#. The following table
shows the register addresses.
ADR
[6
5
4
3
2]
Description
0
0
0
1
1
Add-On Incoming Mailbox Register
0
0
1
1
1
Add-On Outgoing Mailbox Register
0
1
0
1
0
Add-On Pass-Thru Address Register
0
1
0
1
1
Add-On Pass-Thru Data Register
0
1
1
0
1
Add-On Mailbox Status Register
0
1
1
1
0
Add-On Interrupt Control Register
0
1
1
1
1
Add-On Reset Control Register
1
0
0
0
0
Pass-Thru/FIFO Configuration Register
BE[2:0]#
in
Byte Enable [2:0]. Provides individual read/write byte enabling during register read or
write transactions. BE2# enables activity over DQ[23:16], BE1# enables DQ[15:8], and
BE0# enables DQ[7:0]. During read transactions, enables the output driver for each byte
lane; for write transactions, serves as an input enable to perform the write to each byte
lane.
BE3#/ADR1
in
Byte Enable 3/Address 1. BE3#, enables DQ[31:24] input drivers for writing data to regis-
ters identified by ADR[6:2] and enables DQ[31:24] output drivers to read registers identi-
fied by ADR[6:2]. To be used in conjunction with SELECT# and RD# or WR#. ADR1,
selects the upper or lower WORD of a DWORD when a 16 bit wide bus is selected. 1 =
lower, 0 = upper.
SELECT#
in
Select. Enables internal S5933 logic to decode WR#, RD# and ADR[6:2] when reading or
writing to any Add-On register.
WR#
in
Write Enable. Asserting this signal writes DQ bus data byte(s) selected by BE[3:0]# into
the S5933 register defined by SELECT# and ADR[6:2].
RD#
in
Read Enable. Asserting this signal drives data byte(s) selected by BE[3:0]# from the
S5933 register defined by SELECT# and ADR[6:2] onto the DQ bus.
MODE
in
DQ Mode. Defines the DQ bus width when accessing data using WR#, RD#, SELECT#
and ADR[6:2]#. Low = 32-bit wide DQ bus. High = 16-bit wide DQ bus. When high, the
signal BE3# is re-assigned to the ADR1 signal and only DQ[15:0] is active.
PTATN#
out
Pass-Thru Attention. Signals a decoded PCI to Pass-Thru region bus cycle. PTATN# is
generated to signal Add-On logic Pass-Thru data must be read from or written to the
S5933.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com