Electronic Components Datasheet Search
  English  ▼

X  

74F06 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74F06
Description  Hex inverter/buffer drivers (open-collector)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74F06 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74F06 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product data
74F06
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
5
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
MIN
TYP2
MAX
IOH
High-level output current
VCC = MIN, VIL = MAX,
VOH = MAX, VIH = MIN
250
µA
VOL
Low-level output voltage
VCC = MIN,
VIL = MAX,
IOL = MAX
±10% VCC
0.30
0.50
V
VIH = MIN
±5% VCC
0.30
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input
voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–0.6
mA
ICC
Supply current (total)
ICCH
VCC = MAX
5.0
8.0
mA
ICCL
30
43
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 100Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 100Ω
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Yn
Waveform 1
2.0
1.5
3.5
3.0
6.0
5.5
1.5
1.0
6.5
6.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com