Electronic Components Datasheet Search
  English  ▼

X  

74F06 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74F06
Description  Hex inverter/buffer drivers (open-collector)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74F06 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74F06 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74F06 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product data
74F06
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
6
TYPICAL PROPAGATION DELAYS VERSUS LOAD FOR OPEN COLLECTOR OUTPUTS
SF00024
0
2
4
6
8
10
12
14
16
18
0
100
200
300
400
500
600
Load resistor (
Ω)
tPLH
tPHL
NOTE:
When using Open-Collector parts, the value of the pull-up resistor greatly affects the value of the tPLH. For example, changing the specified
pull-up resistor value from 500
Ω to 100Ω will improve the tPLH up to 50% with only a slight increase in the tPHL. However, if the value of the
pull-up resistor is changed, the user must make certain that the total IOL current through the resistor and the total IIL’s of the receivers does not
exceed the IOL maximum specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com