Electronic Components Datasheet Search
  English  ▼

X  

SC1486ITSTR Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1486ITSTR
Description  Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486ITSTR Datasheet(HTML) 4 Page - Semtech Corporation

  SC1486ITSTR Datasheet HTML 1Page - Semtech Corporation SC1486ITSTR Datasheet HTML 2Page - Semtech Corporation SC1486ITSTR Datasheet HTML 3Page - Semtech Corporation SC1486ITSTR Datasheet HTML 4Page - Semtech Corporation SC1486ITSTR Datasheet HTML 5Page - Semtech Corporation SC1486ITSTR Datasheet HTML 6Page - Semtech Corporation SC1486ITSTR Datasheet HTML 7Page - Semtech Corporation SC1486ITSTR Datasheet HTML 8Page - Semtech Corporation SC1486ITSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
 2002 Semtech Corp.
www.semtech.com
SC1486
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
)
.
t
n
o
C
(
n
o
i
t
c
e
t
o
r
P
t
l
u
a
F
tl
u
a
F
e
g
a
tl
o
V
-
r
e
d
n
U
t
u
p
t
u
O
-
Q
D
D
Vl
a
n
r
e
t
n
i
o
t
t
c
e
p
s
e
r
h
ti
W
e
c
n
e
r
e
f
e
r
0
3
-0
4
-5
2
-%
tl
u
a
F
e
g
a
tl
o
V
-
r
e
d
n
U
t
u
p
t
u
O
-
T
T
VT
U
O
F
E
R
o
t
t
c
e
p
s
e
r
h
ti
W0
2
-8
2
-5
1
-%
tl
u
a
F
e
g
a
tl
o
V
-
r
e
v
O
t
u
p
t
u
O
T
T
V
/
Q
D
D
Vl
a
n
r
e
t
n
i
o
t
t
c
e
p
s
e
r
h
ti
w
Q
D
D
V
o
t
t
c
e
p
s
e
r
h
ti
w
T
T
V
,
e
c
n
e
r
e
f
e
r
T
U
O
F
E
R
0
1
+8
+2
1
+%
y
a
l
e
D
tl
u
a
F
e
g
a
tl
o
V
-
r
e
v
Od
l
o
h
s
e
r
h
t
V
O
e
v
o
b
a
d
e
c
r
o
f
B
F2
s
µ
e
g
a
tl
o
V
t
u
p
t
u
O
w
o
L
D
O
O
G
PA
m
1
k
n
i
S4
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
D
O
O
G
PV
5
=
D
O
O
G
P
,
n
o
it
a
l
u
g
e
r
n
i
B
F1
A
µ
d
l
o
h
s
e
r
h
T
V
U
D
O
O
G
Pl
a
n
r
e
t
n
i
o
t
t
c
e
p
s
e
r
h
ti
W
d
n
a
Q
D
D
V
r
o
f
e
c
n
e
r
e
f
e
r
T
T
V
r
o
f
T
U
O
F
E
R
0
1
-2
1
-8
-%
y
a
l
e
D
tl
u
a
F
D
O
O
G
PD
O
O
G
P
e
d
i
s
t
u
o
d
e
c
r
o
f
B
F
.
w
o
d
n
i
w
2s
µ
e
g
a
tl
o
V
r
e
d
n
U
2
A
C
C
V
,
1
A
C
C
V)
s
i
s
e
r
e
t
s
y
h
V
m
0
0
1
(
g
n
il
l
a
F0
.
47
.
33
.
4V
t
u
o
k
c
o
L
e
r
u
t
a
r
e
p
m
e
T
r
e
v
Os
i
s
e
r
e
t
s
y
H
C
°
0
15
6
1C
°
s
t
u
p
t
u
O
/
s
t
u
p
n
I
e
g
a
tl
o
V
w
o
L
t
u
p
n
I
c
i
g
o
Lw
o
l
1
V
S
P
/
N
E2
.
1V
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
c
i
g
o
Lw
o
l
V
S
P
,
h
g
i
H
N
E
)
g
n
it
a
o
l
F
n
i
P
(
0
.
22
.
14
.
2V
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
c
i
g
o
Lh
g
i
h
1
V
S
P
/
N
E4
.
2V
d
l
o
h
s
e
r
h
T
N
E
N
I
F
E
R
0
8
.
05
5
.
00
0
.
1V
s
i
s
e
r
e
t
s
y
H
N
E
N
I
F
E
R
0
4V
m
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
1
V
S
P
/
N
Ee
c
n
a
t
s
i
s
e
r
p
u
ll
u
P5
.
1M
Ω
e
c
n
a
t
s
i
s
e
r
n
w
o
d
ll
u
P0
.
1
t
r
a
t
S
t
f
o
S
e
m
i
T
p
m
a
R
t
r
a
t
S
-
tf
o
St
n
e
r
r
u
c
ll
u
f
o
t
h
g
i
h
1
V
S
P
/
N
E
.t
i
m
il
6
.
1s
m
e
m
i
T
k
n
a
l
B
e
g
a
tl
o
V
-
r
e
d
n
Un
o
-
n
r
u
t
S
P
M
S2
s
m
Test Conditions: V
BAT = 15V, EN/PSV1 = 5V, REFIN=1.25V, VCCA1 = VDDP1 = VCCA2 =VDDP2= 5.0V, VVDDQ = 2.5, VVTT = 1.25, RTON1 = 1M, RTON2 = 1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com